Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1S-xx09 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R1S-xx09
Description  Fully RoHS 6/6 Conform
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R1S-xx09 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R1S-xx09 Datasheet HTML 1Page - List of Unclassifed Manufacturers R1S-xx09 Datasheet HTML 2Page - List of Unclassifed Manufacturers R1S-xx09 Datasheet HTML 3Page - List of Unclassifed Manufacturers R1S-xx09 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Efficiency at Full Load
See Selection Guide
Minimum Load = 0%
Specifications valid for 10% minimum load only.
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute***)
500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
3000VDC
H-Suffix
(rated for 1 minute***)
1500VAC / 60Hz
Isolation Capacitance
R1S, R1S8, R1D, R1D10
15pF min. / 70pF max.
R1S12, R1D12
10pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +100°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec), Peak 255°C (5 sec) max.
Vapour Phase Process
(for more details see Application Notes)
230°C (90 sec) max.
Relative Humidity
95% RH
Humidity Susceptibility Test
1000 hrs / 90% humidity / +85°C ambient
Package weight
R1S
1.0g
R1S8
1.1g
R1S12, R1D, R1D10, R1D12
1.2g
Packing Quantity
R1S, R1S8
40 pcs per Tube
R1S12, R1D, R1D10, R1D12
33 pcs per tube
All Types
500 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
4275 x 103 hours
(+85°C)
using MIL-HDBK 217F
1365 x 103 hours
Certifications
CB Test Report
Report: US/14402A/UL
IEC 60950-1:2001 1st Ed.
UL General Safety
Report: E358085
UL 60950-1 2nd Ed.
CUL General Safety
C22.2 No. 60950-1-03
EN Medical Safety
Report: MDD1205098-2 + RM1205098-2
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
EN General Safety
Report: SPCLVD1211033-3
EN60950-1: 2006 + A12:2011
Conducted / Radiated Emissions
EN55022
Level A
www.recom-international.com
E-25
REV: 2/2014
R1S_R1D
Series
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
3.305
1205
R1S**-xx05
} Detailed Information see
Application Notes chapter "MTBF"
Typical Characteristics
+10%
+5%
V Nom.
+5%
– 1%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load Line
Tolerance Envelope
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
R1D**-xx05
***Any data referred to in this datasheet are of indivative nature and based on our practical experience only. For further details, please refer to our Application Notes.
Notes
Note 1: Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.


Similar Part No. - R1S-xx09

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1S-xx09 RECOM-R1S-xx09 Datasheet
119Kb / 4P
   1 Watt SMD Single & Dual Output
More results

Similar Description - R1S-xx09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2S-1212-R ETC2-R2S-1212-R Datasheet
140Kb / 4P
   Fully RoHS 6/6 Conform
logo
Recom International Pow...
R1S-0509-P RECOM-R1S-0509-P Datasheet
126Kb / 4P
   Fully RoHS 6/6 Conform
R0.25D RECOM-R0.25D Datasheet
128Kb / 4P
   Fully RoHS 6/6 Conform
logo
Roithner LaserTechnik G...
RLCU-4XX ROITHNER-RLCU-4XX Datasheet
275Kb / 4P
   devices are rohs conform
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5745Z AVAGO-AFCT-5745Z Datasheet
542Kb / 18P
   RoHS-6 Compliant
logo
OSA Opto Light GmbH
OIS-170-1020P OSA-OIS-170-1020P Datasheet
229Kb / 7P
   devices are ROHS and REACH conform
OLS-150MUR OSA-OLS-150MUR Datasheet
447Kb / 7P
   devices are ROHS and REACH conform
OLS-170HSD OSA-OLS-170HSD Datasheet
229Kb / 7P
   devices are ROHS and REACH conform
OLS-180Y OSA-OLS-180Y Datasheet
241Kb / 7P
   devices are ROHS and REACH conform
OLS-210MW OSA-OLS-210MW Datasheet
230Kb / 7P
   devices are ROHS and REACH conform
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com