Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R901-7 Datasheet(PDF) 1 Page - Richco, Inc.

Part # R901-7
Description  NYLON SPACERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

R901-7 Datasheet(HTML) 1 Page - Richco, Inc.

  R901-7 Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G
SEE ECN #815 FOR CHANGES
SM
07/02/04
H
SEE ECN #863 FOR CHANGES
SM
10.04.04
I
SEE CO 200035 FOR CHANGES
SK
09/26/07
J
SEE CO 200243 FOR CHANGES
SK
09/17/08
NOTES:
1. MATERIAL: MODIFIED TYPE 6 NYLON (RMS-60).
2. COLOR: WHITE.
COLOR BLACK AVAILABLE BY SPECIAL ORDER. TO ORDDER ADD
"BK" AT THE END OF PART NUMBER.
*PARTS AVAILABLE BY SPECIAL ORDER ONLY.
"H"
FRAC.=±1/64
RE:
FILE #:
SHEET:
REV.
DESCRIPTION
ENGR.
DATE
TITLE:
PART #
DWN:
DT:
SHEET SIZE:
RICHCO, INC.
1 OF 1
R900
B
NYLON SPACERS
APP:
CHKD:
RICHCO, INC.
(773) 539-4060
ENG@RICHCO-INC.COM
07/01/04
SM
-
-FINAL
DWG IN
IN [MM]
SEE TABLE
ANG.=±1°
TYPE
A
C
PRINT
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
CREATED USING
SOLIDWORKS
.007 [±0.18]
I.D.
O.D. .007 [±0.18]
ID: .028 [0.7]
ID: .032 [0.8]
ID: .032 [0.8]
ID: .047 [1.2]
ID: .090 [2.3]
ID: .085 [2.2]
ID: .047[1.2]
ID: .105 [2.7]
OD: .085 [2.2] OD: .085 [2.2] OD: .125 [3.2] OD: .125 [3.2] OD: .125 [3.2] OD: .148 [3.6] OD: .156 [4.0] OD: .167 [4.2]
1/16 [1.6]
R901-1
R938-1
R902-1
R939-1
R937-1
R906-1
R903-1
R907-1
1/8 [3.2]
R901-2
R938-2
R902-2
R939-2
R937-2
R906-2
R903-2
R907-2
3/16 [4.8]
R901-3
R938-3
R902-3
R939-3
R937-3
R906-3
R903-3
R907-3
1/4 [6.4]
R901-4
R938-4
R902-4
R939-4
R937-4
R906-4
R903-4
R907-4
5/16 [7.9]
R901-5
R938-5
R902-5
R939-5
R937-5
R906-5
R903-5
R907-5
3/8 [9.5]
R901-6
R938-6
R902-6
R939-6
R937-6
R906-6
R903-6
R907-6
7/16 [11.1]
R901-7
R938-7
R902-7
R939-7
R937-7
R906-7
R903-7
R907-7
1/2 [12.7]
R901-8
R938-8
R902-8
R939-8
R937-8
R906-8
R903-8
R907-8
9/16 14.3]
*R901-9
*R938-9
*R902-9
*R939-9
*R937-9
*R906-9
*R903-9
*R907-9
5/8 [15.9]
*R901-10
*R938-10
*R902-10
*R939-10
*R937-10
*R906-10
*R903-10
*R907-10
11/16 [17.5]
*R901-11
*R938-11
*R902-11
*R939-11
*R937-11
*R906-11
*R903-11
*R907-11
PART NO.
LENGTH "H"
DIM. "H"
TOLERANCE
±.010 [±0.25]
±.007 [±0.18]
ID: .063 [1.6]
ID: .091 [2.3]
ID: .125 [3.2]
ID: .135 [3.4]
ID: .091 [2.3]
ID: .125 [3.2]
ID: .147 [3.7] ID: .171 [4.3]
OD: .187 [4.8] OD: .187 [4.8] OD: .187 [4.8] OD: .230 [5.8] OD: .250 [6.4] OD: .250 [6.4] OD: .250 [6.4] OD: .250 [6.4]
1/16 [1.6]
R904-1
R913-1
R908-1
R941-1
R910-1
R911-1
R905-1
R912-1
1/8 [3.2]
R904-2
R913-2
R908-2
R941-2
R910-2
R911-2
R905-2
R912-2
3/16 [4.8]
R904-3
R913-3
R908-3
R941-3
R910-3
R911-3
R905-3
R912-3
1/4 [6.4]
R904-4
R913-4
R908-4
R941-4
R910-4
R911-4
R905-4
R912-4
5/16 [7.9]
R904-5
R913-5
R908-5
R941-5
R910-5
R911-5
R905-5
R912-5
3/8 [9.5]
R904-6
R913-6
R908-6
R941-6
R910-6
R911-6
R905-6
R912-6
7/16 [11.1]
R904-7
R913-7
R908-7
R941-7
R910-7
R911-7
R905-7
R912-7
1/2 [12.7]
R904-8
R913-8
R908-8
R941-8
R910-8
R911-8
R905-8
R912-8
9/16 14.3]
*R904-9
*R913-9
*R908-9
R941-9
*R910-9
R911-9
*R905-9
*R912-9
5/8 [15.9]
*R904-10
*R913-10
*R908-10
R941-10
*R910-10
*R911-10
*R905-10
*R912-10
11/16 [17.5]
*R904-11
*R913-11
*R908-11
R941-11
*R910-11
*R911-11
*R905-11
*R912-11
3/4 [19.1]
R904-12
R913-12
R908-12
R941-12
R910-12
R911-12
R905-12
R912-12
13/16 [20.6]
R904-13
R913-13
R908-13
R941-13
R910-13
R911-13
R905-13
R912-13
7/8 [22.2]
R904-14
R913-14
R908-14
R941-14
R910-14
R911-14
R905-14
R912-14
15/16 [23.8]
R904-15
R913-15
R908-15
R941-15
R910-15
R911-15
R905-15
R912-15
1 [25.4]
R904-16
R913-16
R908-16
R941-16
R910-16
R911-16
R905-16
R912-16
±.007 [±0.18]
±.010 [±0.25]
±.015 [±0.38]
PART NO.
LENGTH "H"
DIM. "H"
TOLERANCE


Similar Part No. - R901-7

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
R901-7 RICHCO-R901-7 Datasheet
26Kb / 1P
   NYLON SPACERS
More results

Similar Description - R901-7

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
R911-5 RICHCO-R911-5 Datasheet
26Kb / 1P
   NYLON SPACERS
NTS-10 RICHCO-NTS-10 Datasheet
52Kb / 1P
   NYLON THREADED SPACERS
logo
List of Unclassifed Man...
911-860 ETC2-911-860 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
902-060 ETC2-902-060 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
911-150 ETC2-911-150 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
561-13SP005 ETC2-561-13SP005 Datasheet
111Kb / 2P
   Standard Nylon Spacers
904-090 ETC2-904-090 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
561-L4.25 ETC2-561-L4.25 Datasheet
226Kb / 2P
   HEX NYLON TAPPED SPACERS
1483 ETC2-1483 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
logo
Harwin Plc
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
   CLEARANCE SPACERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com