Electronic Components Datasheet Search |
|
RC1608 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
RC1608 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page 10 11 ±100ppm ±250ppm 1 Ω~10MΩ -55 ℃~+125℃ -55 ℃~+155℃ -55 ℃~+125℃ 70 ℃ RC0603 RC1005 RC1608 RC2012 RC3216 RC3225 RC5025 RC6432 Type 1/20 1/16 1/10 1/8 1/4 1/3 2/3 1 Power Rating (W) 25(V) 50(V) 150(V) 200(V) Working Voltage (MAX) 50(V) 100(V) 300(V) 400(V) Overload Voltage (MAX) TCR (ppm/℃) Resistance Range (Ω) F( ±1%) E-96, E-24 Rated Ambient Temperature Rated Working Temperature •Rated voltage (V) = Rated voltage should be lower than (MAX) working voltage. √Rated power(W)×Normal resistance value (R) - Left 2 digits represent significant figures. - Last 1 digit represents exponential number of 10. - Example: 103 Left 2 digits: 10 Last 1 digit: 3 103 = 10 ×103Ω = 10000 Ω=10kΩ •0603, 1005 type: No marking. •0603, 1005, 1608 type: No marking. •3 digits indication (E-24 series) - Left 3 digits represent significant figures. - Last 1 digit represents exponential number of 10. - Example: 1002 Left 3 digits: 100 Last 1 digit: 2 1002 = 100 ×102Ω = 10000 Ω=10kΩ •4 digits indication (E-96 series) 1 10 03 3 1 10 00 02 2 100 80 60 40 20 0 Operation area -55 -40 0 40 80 120 Ambient Temperature( ℃) Ambient Temperature( ℃) 70 125 Operation area <1608, 2012, 3216> <1005, 3225, 5025, 6432> -55 -30 0 30 60 90 120 150 70 155 100 80 60 40 20 0 Specification The rated power is the maximum continuous loading power at 70 ℃ ambient temperature. For ambient temperature above 70 ℃, the loading power follows the below power derating curve. Power Derating Curve Marking IEC Code System (E-96, E-24) 100 102 105 107 110 113 115 118 121 124 127 130 133 137 140 143 147 150 154 158 162 165 169 174 10 11 12 13 15 16 E-96 E-24 178 182 187 191 196 200 205 210 215 221 226 232 237 243 249 255 261 267 274 280 287 294 301 309 18 20 22 24 27 30 E-96 E-24 316 324 332 340 348 357 365 374 383 392 402 412 422 432 442 453 464 475 487 499 511 523 536 549 33 36 39 43 47 51 E-96 E-24 562 576 590 604 619 634 649 665 681 698 715 732 750 768 787 806 825 845 866 887 909 931 953 976 56 62 68 75 82 91 E-96 E-24 Operation Notes Example of Land Pattern Design Recommended Soldering Conditions General Purpose Precision Low Ohms Array Standard Resistance Value Packaging Characteristics Performance Attenuator |
Similar Part No. - RC1608 |
|
Similar Description - RC1608 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |