Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4207 Datasheet(PDF) 1 Page - Alpha Wire

Part # M4207
Description  Customer Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M4207 Datasheet(HTML) 1 Page - Alpha Wire

  M4207 Datasheet HTML 1Page - Alpha Wire M4207 Datasheet HTML 2Page - Alpha Wire M4207 Datasheet HTML 3Page - Alpha Wire M4207 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. M4207
Construction
Diameters (In)
1) Component 1
1 X 1 COAX
a) Conductor
18 (7/26) AWG TC
b) Insulation
0.1185" Wall, Nom. Polyethylene(PE)
0.285
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
CLEAR
2) Shield
BC BRAID Shield,95% Coverage, Min.
3) Jacket
0.050" Wall, Nom.,Type I PVC
0.405+/- 0.007
a) Color(s)
BLACK
b) Print
ALPHA WIRE-* P/N M4207
RG 11/U TYPE 1C18 SHIELDED EXXXXX CM (UL) C(UL)
ROHS
* = Factory Code
Applicable Specifications
1) UL
CM
60°C
2) CSA International
C(UL) TYPE CM
60°C
3) Military
JAN-C-17A / RG 11/U
60°C / 3700 VRMS
Environmental
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU Directive
2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of
California Proposition 65.
Properties


Similar Part No. - M4207

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
M4200-185X70T0800 KEMET-M4200-185X70T0800 Datasheet
54Kb / 1P
   KEMET, M4, Flex Suppressors, RFID
M4200-240X240 KEMET-M4200-240X240 Datasheet
53Kb / 1P
   KEMET, M4, Flex Suppressors, RFID
M4200-240X240T0800 KEMET-M4200-240X240T0800 Datasheet
54Kb / 1P
   KEMET, M4, Flex Suppressors, RFID
M4200-240X30M KEMET-M4200-240X30M Datasheet
53Kb / 1P
   KEMET, M4, Flex Suppressors, RFID
M4200-240X30MT0800 KEMET-M4200-240X30MT0800 Datasheet
54Kb / 1P
   KEMET, M4, Flex Suppressors, RFID
More results

Similar Description - M4207

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
   Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
   Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
   Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
   Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
   Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
   Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
   Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
   Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
   Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
   Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
   Customer Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com