Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P20F50HP2 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # P20F50HP2
Description  Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P20F50HP2 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  P20F50HP2 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P20F50HP2 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P20F50HP2 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P20F50HP2 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
MOSFET2012.06〉)
■特性図 CHARACTERI
STI
C DI
AGRAMS
32
40
24
16
05
10
20
15
Pulse measurement
Drain・Source Voltage VDS〔V〕
TC=25℃
TYP
VVGS
GS
==5
5VV
VVGS
GS
==6
6VV
VGS=6V
VGS=5V
出力特性
Typical Output Characteristics
伝達特性
Transfer Characteristics
05
10
20
15
Pulse measurement
Gate・Source Voltage VGS〔V〕
VDS=20V
TYP
25
40
35
30
15
20
10
Pulse measurement
VDS=20V
TYP
100
100℃
150
150℃
100℃
150℃
ドレイン・ソース間オン抵抗─ドレイン電流
Static Drain-Source On-state Resistance vs Drain Current
0.
05
0.
0.
10
40
VGS=10V
Tc=25℃
TYP
Pulse measurement
Drain Current ID〔A〕
−55
100
150
50
ゲートしきい値電圧─ケース温度
Gate Threshold Voltage vs Case
Temperature
VDS=10V
ID=1mA
TYP
Pulse measurement
Case Temperature Tc〔℃〕
ドレイン・ソース間オン抵抗─ケース温度
Static Drain-Source On-state Resistance vs Case Temperature
10
0.
01
0.
−55
100
150
50
VGS=10V
pulse test
TYP
Pulse measurement
Case Temperature Tc〔℃〕
IIDD==10
10A
A
ID=10A
安全動作領域
Safe Operating Area
10
40
60
80
200
100
0.
01
0.
20
10
500
100
1000
Tc=25℃
Single pulse
DC
DC
DC
10ms
10ms
10ms
1ms
1ms
1ms
100μs
100μs
100μs
10μs
10μs
10μs
Drain・Source Voltage VDS〔V〕
過渡熱抵抗
Transient Thermal Impedance
10
0.001
0.01
0.1
10−4
10−5
10−3 10−2 10−1 1010
102
Time t〔s〕
100
60
80
40
20
全損失減少率─ケース温度
Power Derating - Case Temperature
25
50
75
125
150
100
Case Temperature Tc〔℃〕
VVGGSS
VGS
VVDS
DS
VDS
16
20
12
ゲートチャージ特性
500
300
400
200
100
Gate Charge Characteristics
12
24
60
48
36
ID=20A
TYP
Total Gate Charge Qg〔nC〕
VVDD
DD
==400
400V
200
200V
100
100V
VDD=400V
200V
100V
VDD=100V
VGS=15V, −0V
Rg=50Ω
単発アバランシェ電流-インダクタンス
Single Avalanche Current vs Inductive Load
0.1
10
20
100
0.001
0.01
0.1
10
100
Inductance L〔mH〕
IIAS
AS
==20
20A
A
EEAS
AS
==90
90mJ
mJ
IAS=20A
EAR=9mJ
EAS=90mJ
単発アバランシェエネルギー減少率 - チャネル温度
Single Avalanche Energy Derating vs Channel Temperature
100
80
60
40
20
50
100
150
Starting Channel Temperature Tch〔℃〕
Tc= −55℃
= 25℃
RDS(ON)Limited
(at VGS=10V)
Power Dissipation
Limited
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
キャパシタンス特性
Capacitance Characteristics
10000
1000
100
10
Tc=25℃
f=1MHz
TYP
300
500
400
100
200
Drain・Source Voltage VDS〔V〕
VVGS
GS
==10
10VV
VGS=10V
8VV
8V
P20F50HP2
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.
Page:59


Similar Part No. - P20F50HP2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
P20F50HP2 ISC-P20F50HP2 Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - P20F50HP2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com