Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POE31U Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # POE31U
Description  30W Passive Power over Ethernet Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE31U Datasheet(HTML) 2 Page - Phihong USA Inc.

  POE31U Datasheet HTML 1Page - Phihong USA Inc. POE31U Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POE31U Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Range
90 to 264VAC
AC Input Voltage Rating
100 to 240VAC, 47-63Hz
AC Input Current
0.8A (RMS) maximum for 120VAC
0.5A (RMS) maximum for 240VAC
Leakage Current
W models 250uA maximum @ 264VAC 60Hz
U models 350uA maximum @ 264VAC 60Hz
AC Inrush Current
30A (RMS) maximum for 115VAC
60A (RMS) maximum for 240VAC
OUTPUT:
Total Output Power
30W
Output Ripple
24V
240mVp-p
56V
560mVp-p
Efficiency
Meets Level V Efficiency Requirements
Hold-up Time
10mS min. 120VAC and maximum load
ENVIRONMENTAL:
Temperature
Operation
0 to +40°C
Non-operation
-25 to +65°C
Humidity
Operation
20 to 90%
EMC
FCC Part 15 Class B
EN55022 Class B
Isolation Test
Primary to Secondary: 1500VAC for 1 minute 10mA (U)
Primary to Secondary: 3000 VAC for 1 minute (W
models)
Primary to F.G.: 1500VAC for 1 minute (U models)
Output to F.G.: 1500VAC (U models)
Immunity
ESD:
EN61000-4-2. Level 3
RS:
EN61000-4-3. Level 2
EFT:
EN61000-4-4. Level 2
Surge:
EN61000-4-5. Level 3
CS:
EN61000-4-6. Level 2
Voltage Dips
EN61000-4-11
Harmonic:
EN61000-3-2 Class A
Insulation Resistance
Primary to Secondary: >10M OHM 500VDC
Primary to Field Ground: >10M OHM 500VDC
FEATURE:
Over Voltage/Current, Short Circuit Protection
Outputs equipped with short circuit protection and
overload protection.
The output can be shorted permanently without damage
Input Connector
IEC320 C12 for U Models
IEC320 C8 for W Models
Output Connection
+pins 4, 5
-pins 7, 8
Warranty
1 Year
Dimension Diagram Unit: mm (inch)


Similar Part No. - POE31U

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE31U-1AT PHIHONG-POE31U-1AT Datasheet
168Kb / 2P
   30W Single Port Power over Ethernet Midspan
POE31U-1AT PHIHONG-POE31U-1AT Datasheet
234Kb / 3P
   30W Single Port Power over Ethernet Midspan IEEE802.3at Compliant Power Injector
POE31U-1AT PHIHONG-POE31U-1AT_14 Datasheet
168Kb / 2P
   30W Single Port Power over Ethernet Midspan
POE31U-240 PHIHONG-POE31U-240 Datasheet
92Kb / 2P
   30W Passive Power over Ethernet Adapter
logo
List of Unclassifed Man...
POE31U-240 ETC2-POE31U-240 Datasheet
239Kb / 2P
   30W Passive Power over Ethernet Adapter Lowest Cost IEEE802.3at Power
More results

Similar Description - POE31U

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE31U-240 PHIHONG-POE31U-240 Datasheet
92Kb / 2P
   30W Passive Power over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT Datasheet
110Kb / 4P
   30W Power Over Ethernet Adapter
POE30U-560 PHIHONG-POE30U-560 Datasheet
96Kb / 3P
   30W Power Over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT_14 Datasheet
101Kb / 3P
   30W Power over Ethernet Adapter
logo
List of Unclassifed Man...
POE31U-240-R ETC2-POE31U-240-R Datasheet
239Kb / 2P
   30W Passive Power over Ethernet Adapter Lowest Cost IEEE802.3at Power
logo
Phihong USA Inc.
POE61U-560D PHIHONG-POE61U-560D Datasheet
290Kb / 3P
   60W Passive Power over Ethernet Adapter
POE31U-560DO PHIHONG-POE31U-560DO Datasheet
111Kb / 2P
   30W Dual Port Passive Power-over-Ethernet Midspan
POE30U-560GHT PHIHONG-POE30U-560GHT_18 Datasheet
351Kb / 4P
   30W Power over Ethernet Adapter High Power, High Temperature Single Port Injector
POE31U-1AT PHIHONG-POE31U-1AT_14 Datasheet
168Kb / 2P
   30W Single Port Power over Ethernet Midspan
POE36D-1AT PHIHONG-POE36D-1AT Datasheet
184Kb / 3P
   33.6W Power over Ethernet Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com