Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTF10134 Datasheet(PDF) 4 Page - Ericsson

Part # PTF10134
Description  100 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTF10134 Datasheet(HTML) 4 Page - Ericsson

  PTF10134 Datasheet HTML 1Page - Ericsson PTF10134 Datasheet HTML 2Page - Ericsson PTF10134 Datasheet HTML 3Page - Ericsson PTF10134 Datasheet HTML 4Page - Ericsson PTF10134 Datasheet HTML 5Page - Ericsson PTF10134 Datasheet HTML 6Page - Ericsson PTF10134 Datasheet HTML 7Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PTF 10134
4
e
Impedance Data
(VDD = 28 V, POUT = 100 W,
IDQ = 1.3 A Total)
Frequency
Z Source
W
Z Load
W
GHz
R
jX
R
jX
2.00
5.76
-14.40
2.10
-1.80
2.05
7.40
-15.60
2.60
-2.60
2.10
9.60
-17.60
3.00
-3.00
2.15
16.00
-17.80
2.80
-3.80
2.20
19.00
-14.60
2.60
-4.00
2.25
22.00
-6.00
2.44
-3.40
2.30
20.00
-1.20
2.60
-2.80
Z Source
Z Load
G
D
G
S
D
0.1
0.3
0.2
.4
2.0 GHz
2.3 GHz
2.0 GHz
Z Load
Z Source
2.3 GHz
Z0 = 50
W


Similar Part No. - PTF10134

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10133 ERICSSON-PTF10133 Datasheet
177Kb / 6P
   85 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10135 ERICSSON-PTF10135 Datasheet
245Kb / 6P
   5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10136 ERICSSON-PTF10136 Datasheet
205Kb / 7P
   6 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10137 ERICSSON-PTF10137 Datasheet
175Kb / 6P
   12 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10138 ERICSSON-PTF10138 Datasheet
106Kb / 6P
   60 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
More results

Similar Description - PTF10134

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10119 ERICSSON-PTF10119 Datasheet
141Kb / 4P
   12 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10122 ERICSSON-PTF10122 Datasheet
263Kb / 6P
   50 Watts WCDMA, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10048 ERICSSON-PTF10048 Datasheet
233Kb / 6P
   30 Watts, 2.1-2.2 GHz, W-CDMA GOLDMOS Field Effect Transistor
PTF10053 ERICSSON-PTF10053 Datasheet
81Kb / 6P
   12 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10111 ERICSSON-PTF10111 Datasheet
337Kb / 6P
   6 Watts, 1.5 GHz GOLDMOS Field Effect Transistor
PTF10007 ERICSSON-PTF10007 Datasheet
235Kb / 6P
   35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10107 ERICSSON-PTF10107 Datasheet
83Kb / 6P
   5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10136 ERICSSON-PTF10136 Datasheet
205Kb / 7P
   6 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10031 ERICSSON-PTF10031 Datasheet
215Kb / 6P
   50 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10009 ERICSSON-PTF10009 Datasheet
228Kb / 6P
   85 Watts, 1.0 GHz GOLDMOS??Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com