Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6004DS1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # S6004DS1
Description  RoHS Compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S6004DS1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button S6004DS1 Datasheet HTML 3Page - List of Unclassifed Manufacturers S6004DS1 Datasheet HTML 4Page - List of Unclassifed Manufacturers S6004DS1 Datasheet HTML 5Page - List of Unclassifed Manufacturers S6004DS1 Datasheet HTML 6Page - List of Unclassifed Manufacturers S6004DS1 Datasheet HTML 7Page - List of Unclassifed Manufacturers S6004DS1 Datasheet HTML 8Page - List of Unclassifed Manufacturers S6004DS1 Datasheet HTML 9Page - List of Unclassifed Manufacturers S6004DS1 Datasheet HTML 10Page - List of Unclassifed Manufacturers S6004DS1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheets
Sensitive SCRs
©2004 Littelfuse, Inc.
E5 - 7
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E5.4 Maximum Allowable Case Temperature versus
Average On-state Current
Figure E5.5 Maximum Allowable Ambient Temperature versus
On-state Current
Figure E5.6 Maximum Allowable Ambient Temperature versus
RMS On-state Current
Figure E5.7 Maximum Allowable Ambient Temperature versus
Average On-state Current
Figure E5.8 Maximum Allowable Case Temperature versus
RMS On-state Current
Figure E5.9 Maximum Allowable Case Temperature versus
Average On-state Current
0
0.5
1.0
1.5
2.0
2.5
3.0
50
60
70
80
90
100
110
120
130
Average On-state Current [IT(AV)] – Amps
0.95
40
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measured
as Shown on Dimensional Drawing
1.65
1.9
2.54
T106 and T107
Type 1 and 3
T106 and T107
Type 2 and 4
TCR22
Devices
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
140
120
100
80
60
40
20
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
FREE AIR RATING
1.5 A and JEDEC
2N Series I
T(AV)
and EC Series I
T(AV)
On-state Current – Amps
1.5 A Devices
and JEDEC
2N Series I
T(RMS)
EC Series I
T(RMS)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
140
120
100
80
60
40
20
RMS On-state Current [IT(RMS)] – Amps
2.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
FREE AIR RATING
TO-220
T106/T107 TO-202
Type 1 and 3
T106/T107 TO-202
Type 2 and 4
and TO-251
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
20
40
60
80
100
120
140
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180
˚
FREE AIR RATING
Average On-state Current [IT(AV)] – Amps
TO-220
T106/T107 TO-202
Type 1 and 3
T106/T107 TO-202
Type 2 and 4
and TO-251
80
24
6
8
10
0
85
90
95
100
105
110
115
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180
˚
TEMPERATURE: Measured as
Shown on Dimensional Drawings
RMS On-state Current [IT(RMS)] – Amps
6 A TO-220
and TO-202
8 A TO-220
and TO-202
10 A TO-220
and TO-202
6 A TO-251
and TO-252
8 A TO-251
and TO-252
10 A TO-251
and TO-252
80
13
4
5
6
0
85
90
95
100
105
110
Average On-state Current [IT(AV)] – Amps
7
2
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measured
as Shown on Dimensional Drawings
6 A TO-220
and TO-202
8 A TO-220
and TO-202
10 A TO-220
and TO-202
6 A TO-251
and TO-252
8 A TO-251
and TO-252
10 A TO-251
and TO-252


Similar Part No. - S6004DS1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6004DS1 LITTELFUSE-S6004DS1 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S6004DS1 ETC2-S6004DS1 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Littelfuse
S6004DS1RP LITTELFUSE-S6004DS1RP Datasheet
332Kb / 9P
   4 Amp Sensitive SCRs
S6004DS1TP LITTELFUSE-S6004DS1TP Datasheet
332Kb / 9P
   4 Amp Sensitive SCRs
More results

Similar Description - S6004DS1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com