Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6004DS2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # S6004DS2
Description  RoHS Compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S6004DS2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button S6004DS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers S6004DS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers S6004DS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers S6004DS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers S6004DS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers S6004DS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers S6004DS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers S6004DS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers S6004DS2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Sensitive SCRs
Data Sheets
http://www.littelfuse.com
E5 - 6
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
*Mounted on 1 cm2 copper foil surface; two-ounce copper foil
Electrical Isolation
Teccor’s isolated sensitive SCRs will withstand a minimum high
potential test of 2500 V ac rms from leads to mounting tab over
the device's operating temperature range. The following table
shows other standard and optional isolation ratings.
*UL Recognized File #E71639
**For 4000 V isolation, use “V” suffix in part number.
Figure E5.1 Maximum Allowable Case Temperature versus
RMS On-state Current
Figure E5.2 Maximum Allowable Case Temperature versus
RMS On-state Current
Figure E5.3 Maximum Allowable Case Temperature versus
Average On-state Current
Thermal Resistance (Steady State)
RθJC [Rθ JA] °C/W (TYPICAL)
Package Code
EL
F2
F
C
D
V
Type
TO-92
TO-220
TO-202
Type 2, 4, & 41
TO-202
Type 1 & 3
Compak
TO-252
D-Pak
TO-251
V-Pak
0.8 A
75 [160]
60*
1.5 A
50 [160]
4.0 A
10 [100]
6.2 [80]
3.0
3.8 [85]
6.0 A
4.0 [65]
4.3
1.8
2.4
8.0 A
3.4
3.9
1.5
2.1
10.0 A
3.0
3.4
1.45
1.72
Electrical Isolation *
from Leads to Mounting Tab
VAC RMS
TO-220
2500
Standard
4000
Optional **
50
60
70
80
90
100
110
120
130
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measured
as Shown on Dimensional Drawing
RMS On-State Current [I
T(RMS)
] – Amps
Compak
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
EC Series
JEDEC 2N Series
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
40
50
60
70
80
90
100
110
120
130
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measured
as Shown on Dimensional Drawing
RMS On-state Current [I
T(RMS)] – Amps
2.6
4 A TO-251
and TO-252
T106 and T107
Type 1 and 3
T106 and T107
Type 2 and 4
TCR22 Devices
0
0.1
0.2
0.3
0.4
0.5
0.6
50
60
70
80
90
100
110
120
130
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measured
as Shown on Dimensional Drawing
Average On-state Current [I
T(AV)] – Amps
0.51
Compak
EC Series
JEDEC 2N Series


Similar Part No. - S6004DS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6004DS2 LITTELFUSE-S6004DS2 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S6004DS2 ETC2-S6004DS2 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Littelfuse
S6004DS2RP LITTELFUSE-S6004DS2RP Datasheet
332Kb / 9P
   4 Amp Sensitive SCRs
S6004DS2TP LITTELFUSE-S6004DS2TP Datasheet
332Kb / 9P
   4 Amp Sensitive SCRs
More results

Similar Description - S6004DS2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com