Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S20LC40UV Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # S20LC40UV
Description  Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S20LC40UV Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  S20LC40UV Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S20LC40UV Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S20LC40UV Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S20LC40UV Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
J533-p2013.04〉)
■特性図 CHARACTERI
STI
C DI
AGRAMS
順方向特性
Forward Voltage
50
10
0.1
01
0.
52
1.
Tc=150℃(TYP)
Tc=125℃(TYP)
Tc=100℃(TYP)
Tc=75℃(TYP)
Tc=50℃(TYP)
Tc=25℃(TYP)
順電力損失曲線
Forward Power Dissipation
逆方向特性
Reverse Current
25
30
35
40
15
10
20
00
0.001
0.1
0.01
10
100
250 300 350
200
150
100
50
400
30
20
10
35
25
15
Tj=150℃
Pulse measurement per diode
Pulse measurement per diode
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
1
10
100
00160
40 60 80 100 120 140
20
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
100
600
500
200
400
300
300
250
150
200
50
100
10
Forward Voltage VF〔V〕
Reverse Voltage VR〔V〕
Average Rectified Forward Current IO〔A〕
Pulse Width tp〔ms〕
Case Temperature Tc〔℃〕
Number of Cycles 〔cycle〕
ディレーティングカーブ
Derating Curve
せん頭サージ順電流減少率─接合部温度
Peak Surge Forward Current Derating vs Junction Temperature
100
60
80
40
20
0150
50
75
100
125
25
Junction Temperature Tj〔℃〕
過渡熱抵抗
Transient Thermal Impedance
10
0.01
0.1
Time t〔s〕
0.0001 0.001
0.01
0.1
10
10
100
500
接合容量
Junction Capacitance
f=1MHz
Tc=25℃
TYP
per diode
Reverse Voltage VR〔V〕
1400
100
10
30
25
35
20
15
10
DC
DC
0.
05
0.
0.
D=0.
0.
0.
0.
0.
SIN
0.
DC
D=0.
0.
0.
0.
0.
0.
05
SIN
Tc=150℃(MAX)
Tc=150℃(TYP)
Tc=25℃(MAX)
Tc=25℃(TYP)
D=tp/T
T
tp
IO
TTjj=
=2
25
5℃
Tj=25℃
per diode
Tj=25℃
tp
Sine wave
Non-repetitive
1cycle
10ms10ms
Sine wave
D=tp/T
T
tp
IO
VR
VR
=VRM
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.
S20LC40UV


Similar Part No. - S20LC40UV

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S20LC40UT SHINDENGEN-S20LC40UT Datasheet
163Kb / 4P
   Fast Recovery Diode
More results

Similar Description - S20LC40UV

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com