Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2006LS2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S2006LS2
Description  RoHS Compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S2006LS2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S2006LS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers S2006LS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers S2006LS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers S2006LS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers S2006LS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers S2006LS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers S2006LS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers S2006LS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers S2006LS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Sensitive SCRs
Data Sheets
http://www.littelfuse.com
E5 - 4
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Specific Test Conditions
di/dt — Maximum rate-of-change of on-state current; IGT = 50 mA pulse
width
≥15 µsec with ≤0.1 µs rise time
dv/dt — Critical rate-of-rise of forward off-state voltage
I2t — RMS surge (non-repetitive) on-state current for period of 8.3 ms
for fusing
IDRM and IRRM — Peak off-state current at VDRM and VRRM
IGT — DC gate trigger current VD = 6 V dc; RL = 100 Ω
IGM — Peak gate current
IH — DC holding current; initial on-state current = 20 mA
IT — Maximum on-state current
ITSM — Peak one-cycle forward surge current
PG(AV) — Average gate power dissipation
PGM — Peak gate power dissipation
tgt — Gate controlled turn-on time gate pulse = 10 mA; minimum
width = 15 µS with rise time
≤0.1 µs
tq — Circuit commutated turn-off time
VDRM and VRRM — Repetitive peak off-state forward and reverse voltage
VGRM — Peak reverse gate voltage
VGT — DC gate trigger voltage; VD = 6 V dc; RL = 100 Ω
VTM — Peak on-state voltage
General Notes
Teccor 2N5064 and 2N6565 Series devices conform to all JEDEC
registered data. See specifications table on pages E5 - 2 and
E5 - 3.
The case lead temperature (TC or TL) is measured as shown on
dimensional outline drawings in the “Package Dimensions” section
of this catalog.
All measurements (except IGT) are made with an external resistor
RGK = 1 kΩ unless otherwise noted.
All measurements are made at 60 Hz with a resistive load at an
ambient temperature of +25 °C unless otherwise specified.
Operating temperature (TJ) is -65 °C to +110 °C for EC Series
devices, -65 °C to +125 °C for 2N Series devices, -40 °C to
+125 °C for “TCR” Series, and -40 °C to +110 °C for all others.
Storage temperature range (TS) is -65 °C to +150 °C for TO-92
devices, -40 °C to +150 °C for TO-202 and Compak devices, and
-40 °C to +125 °C for all others.
Lead solder temperature is a maximum of +230 °C for 10 seconds
maximum
≥1/16" (1.59 mm) from case.
TYPE
Part Number
IT
VDRM &
VRRM
IGT
IDRM &
IRRM
VTM
Isolated
Non-isolated
TO-220
TO-202
TO-251
V-Pak
TO-252
D-Pak
(1)
Amps
Volts
(2) (12)
µAmps
(20) (21)
µAmps
(3) (10)
Volts
See “Package Dimensions” section for variations. (11)
IT(RMS)
IT(AV)
TC =
25 °C
TC =
110 °C
MAX
MAX
MIN
MAX
MAX
MAX
MAX
6A
S2006LS2
S2006FS21
S2006VS2
S2006DS2
6
3.8
200
200
5
250
1.6
S4006LS2
S4006FS21
S4006VS2
S4006DS2
6
3.8
400
200
5
250
1.6
S6006LS2
S6006FS21
S6006VS2
S6006DS2
6
3.8
600
200
5
250
1.6
S2006LS3
S2006FS31
S2006VS3
S2006DS3
6
3.8
200
500
5
250
1.6
S4006LS3
S4006FS31
S4006VS3
S4006DS3
6
3.8
400
500
5
250
1.6
S6006LS3
S6006FS31
S6006VS3
S6006DS3
6
3.8
600
500
5
250
1.6
8A
S2008LS2
S2008FS21
S2008VS2
S2008DS2
8
5.1
200
200
5
250
1.6
S4008LS2
S4008FS21
S4008VS2
S4008DS2
8
5.1
400
200
5
250
1.6
S6008LS2
S6008FS21
S6008VS2
S6008DS2
8
5.1
600
200
5
250
1.6
S2008LS3
S2008FS31
S2008VS3
S2008DS3
8
5.1
200
500
5
250
1.6
S4008LS3
S4008FS31
S4008VS3
S4008DS3
8
5.1
400
500
5
250
1.6
S6008LS3
S6008FS31
S6008VS3
S6008DS3
8
5.1
600
500
5
250
1.6
10 A
S2010LS2
S2010FS21
S2010VS2
S2010DS2
10
6.4
200
200
5
250
1.6
S4010LS2
S4010FS21
S4010VS2
S4010DS2
10
6.4
400
200
5
250
1.6
S6010LS2
S6010FS21
S6010VS2
S6010DS2
10
6.4
600
200
5
250
1.6
S2010LS3
S2010FS31
S2010VS3
S2010DS3
10
6.4
200
500
5
250
1.6
S4010LS3
S4010FS31
S4010VS3
S4010DS3
10
6.4
400
500
5
250
1.6
S6010LS3
S6010FS31
S6010VS3
S6010DS3
10
6.4
600
500
5
250
1.6
K
A
G
K
A
G
A
A
A
G
K
A
A
K
G


Similar Part No. - S2006LS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S2006LS2 LITTELFUSE-S2006LS2 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
S2006LS2 LITTELFUSE-S2006LS2 Datasheet
205Kb / 12P
   Sensitive SCRs
More results

Similar Description - S2006LS2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com