Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA065M-120M Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA065M-120M
Description  65 Watt* Open-Frame Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA065M-120M Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA065M-120M_14 Datasheet HTML 1Page - Phihong USA Inc. PSA065M-120M_14 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revised 11/21/2011
WWW.PHIHONG.COM
65 Watt* Open-Frame Power Supply
PSA065M Single Output 2" x 4" Medical Series
*45W Convection, 65W 20CFM Airflow cooling
Features
 2 x 4 Footprint
 Low Profile Design Fits 1U Applications
 Low-Cost
 Low Leakage Current
Applications
 Medical Equipment
 Gaming
 Touch Screen Displays
Safety Approvals
 cUL/UL 60601-1
 IEC 60601-1
 CE (Low Voltage Directive)
Mechanical Characteristics
 Length: 101.6mm (4.0in)
 Height: 30.6mm (1.2in)
 Width: 50.8mm (2.0in)
 Weight: 160g (5.64oz)
Output Specifications
*Measured by using a 12 inch twisted pair terminated with a 10uF capacitor and a 0.1uF ceramic in parallel, measured at
maximum load after a 20 minute warm up and bandwidth set to 20MHz.
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple*
Regulation
Min.
Max.
P-P (max.)
Line
Load
PSA065-120M
+12V
0A
3.75A
120mV
±2%
PSA065-240M
+24V
0A
1.88A
240mV
±2%
PSA065-480M
+48V
0A
0.94A
480mV
±2%


Similar Part No. - PSA065M-120M_14

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA065-120 PHIHONG-PSA065-120 Datasheet
80Kb / 2P
   65 Watt Open-Frame Power Supply
PSA065-120 PHIHONG-PSA065-120 Datasheet
269Kb / 2P
   PSA065 Single Output 2 x 4 Series
PSA065-120M PHIHONG-PSA065-120M Datasheet
79Kb / 2P
   65 Watt Open-Frame Power Supply PSA065M Single Output 2 x 4 Medical Series
PSA065-120M PHIHONG-PSA065-120M Datasheet
123Kb / 2P
   PSA065M Single Output 2 x 4 Medical Series
PSA065-120M PHIHONG-PSA065-120M_15 Datasheet
123Kb / 2P
   PSA065M Single Output 2 x 4 Medical Series
More results

Similar Description - PSA065M-120M_14

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA065-120 PHIHONG-PSA065-120_14 Datasheet
102Kb / 2P
   65 Watt* Open-Frame Power Supply
PSA065-120 PHIHONG-PSA065-120 Datasheet
80Kb / 2P
   65 Watt Open-Frame Power Supply
logo
Volgen Kaga Electronics...
KLS30F-05S VOLGEN-KLS30F-05S Datasheet
296Kb / 2P
   30 WATT OPEN FRAME POWER SUPPLY
logo
Total Power Internation...
TPS40-1 TOTAL-POWER-TPS40-1 Datasheet
102Kb / 3P
   40 WATT OPEN - FRAME SWITCHING POWER SUPPLY
logo
Phihong USA Inc.
PSA120-050 PHIHONG-PSA120-050_14 Datasheet
168Kb / 3P
   120 Watt Low Cost Open Frame Power Supply
PSA120-050 PHIHONG-PSA120-050 Datasheet
76Kb / 2P
   120 Watt Low Cost Open Frame Power Supply
PSA075-050 PHIHONG-PSA075-050_14 Datasheet
116Kb / 2P
   75 Watt Low Cost Open Frame Power Supply
PSA075-050 PHIHONG-PSA075-050 Datasheet
89Kb / 2P
   75 Watt Low Cost Open Frame Power Supply
PSA065-120M PHIHONG-PSA065-120M Datasheet
79Kb / 2P
   65 Watt Open-Frame Power Supply PSA065M Single Output 2 x 4 Medical Series
PSA160-210 PHIHONG-PSA160-210 Datasheet
112Kb / 3P
   160 Watt Low Cost Open Frame Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com