Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVC-105-2 Datasheet(PDF) 10 Page - Alpha Wire

Part # PVC-105-2
Description  Better wire management means better harnesses
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-2 Datasheet(HTML) 10 Page - Alpha Wire

Back Button PVC-105-2 Datasheet HTML 6Page - Alpha Wire PVC-105-2 Datasheet HTML 7Page - Alpha Wire PVC-105-2 Datasheet HTML 8Page - Alpha Wire PVC-105-2 Datasheet HTML 9Page - Alpha Wire PVC-105-2 Datasheet HTML 10Page - Alpha Wire PVC-105-2 Datasheet HTML 11Page - Alpha Wire PVC-105-2 Datasheet HTML 12Page - Alpha Wire PVC-105-2 Datasheet HTML 13Page - Alpha Wire PVC-105-2 Datasheet HTML 14Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
490
FIT > FIT Wire Management > Flexible Liquid-Tight PVC Tubing
FIT® Wire Management
Flexible Liquid-Tight PVC Tubing
FNT Tubing
UL 1696
CSA C22.2 No. 227.3-05
Operating Temperature
• -18°C to +50°C
Color
• Black
Materials
• Liquid-tight PVC tubing
Chemical Properties
• Corrosive effect: none
• Fungus resistance: no growth
• Resists oil and water
• Lead free
Availability
25 ft (7.5 m)
100 ft (30.5 m)
PVC Tubing
Part No.
Trade
Size
Inside
Diameter, Min.
Inside
Diameter, Max.
Outside
Diameter, Min.
Outside
Diameter, Max.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
FNT-1/4*
1/4
0.385
9.78
0.405
10.29
0.560
14.22
0.575
14.61
FNT-3/8
3/8
0.484
12.29
0.504
12.80
0.690
17.53
0.710
18.03
FNT-1/2
1/2
0.622
15.80
0.642
16.31
0.820
20.83
0.840
21.34
FNT-3/4
3/4
0.820
20.83
0.840
21.34
1.030
26.16
1.050
26.67
FNT-1
1
1.041
26.44
1.066
27.08
1.290
32.77
1.315
33.40
*Not CSA certified


Similar Part No. - PVC-105-2

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PVC-105-2 ALPHAWIRE-PVC-105-2 Datasheet
98Kb / 4P
   Customer Specification
9/8/2022
PVC-105-20 ALPHAWIRE-PVC-105-20 Datasheet
98Kb / 4P
   Customer Specification
9/8/2022
PVC-105-22 ALPHAWIRE-PVC-105-22 Datasheet
98Kb / 4P
   Customer Specification
9/8/2022
PVC-105-24 ALPHAWIRE-PVC-105-24 Datasheet
98Kb / 4P
   Customer Specification
9/8/2022
PVC-105-24 ALPHAWIRE-PVC-105-24_V01 Datasheet
98Kb / 4P
   Customer Specification
9/8/2022
More results

Similar Description - PVC-105-2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS6111 ONSEMI-NIS6111 Datasheet
65Kb / 8P
   Better Efficiency Rectifier System
September, 2004 ??Rev. P3
logo
Powertip Technology
PC2004LRS-BSO-B POWERTIP-PC2004LRS-BSO-B Datasheet
130Kb / 10P
   DISPLAY DEVICES FOR BETTER ELECYRONOC DESIGN
logo
ON Semiconductor
NIS6111 ONSEMI-NIS6111_05 Datasheet
145Kb / 8P
   BERS IC (Better Efficiency Rectifier System)
August, 2005 ??Rev. 5
logo
Laird Tech Smart Techno...
IN24-5RD LSTD-IN24-5RD Datasheet
348Kb / 1P
   Improved detent for better position stability
logo
TOKYO SEIMITSU CO., LTD
DS ACCRETECH-DS Datasheet
476Kb / 2P
   Higher cutting ability, better cutting quality
logo
KEC(Korea Electronics)
KPS11N60F KEC-KPS11N60F Datasheet
390Kb / 6P
   This Super Junction MOSFET has better characteristics
KPS8N60D KEC-KPS8N60D Datasheet
388Kb / 6P
   This Super Junction MOSFET has better characteristics
KPS11N65F KEC-KPS11N65F Datasheet
390Kb / 6P
   This Super Junction MOSFET has better characteristics
logo
List of Unclassifed Man...
SDP600 ETC2-SDP600 Datasheet
475Kb / 10P
   Accuracy better than 0.2% FS near zero
logo
KEC(Korea Electronics)
KPS8N65F KEC-KPS8N65F Datasheet
993Kb / 6P
   This Super Junction MOSFET has better characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com