Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAA60M-180 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAA60M-180
Description  60 Watt Universal 3-Wire Input Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAA60M-180 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAA60M-180 Datasheet HTML 1Page - Phihong USA Inc. PSAA60M-180 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[Type text]
PSAA60M Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Frequency
47 to 63Hz
Input Current
1.6A at 100V AC
0.7A at 240V AC
Inrush Current
90A maximum at 100V AC
150A maximum at 240V AC
(Cold Start at ambient 25°C)
Leakage Current
3.5mA maximum at 254V AC and 60Hz
Input Power Saving
< 0.5W at no load
Output:
Output Power
60W maximum
Efficiency
Meets Level V efficiency requirements
Environmental:
Temperature
Operation
0 to +40°C
Non-operation
-20 to +80°C
Humidity
10 to 90%
Emissions
FCC Part 15 Class B
EN55022 Class B
VCCI Class B
Immunity
IEC61000-4-2
IEC61000-4-3
IEC61000-4-4
IEC61000-4-5
IEC61000-4-6
IEC61000-4-11
EN61000-3-2
Over-Voltage Protection
Circuit will latch the auto-restart.
Over-Current Protection
Output current over 5.5-7.5A then circuit will latch
Short-Circuit Protection
If output shorts then circuit will auto-restart
Isolation
Primary to Secondary: 500V DC >100M OHM
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000V AC for 1 min., 10mA
Primary to F.G.: 1500V AC for 1 min., 10mA
DC Output Connector
2.1 x 5.5 x 9.5mm Center Positive Barrel
Dimension Diagram Unit: mm (inch)


Similar Part No. - PSAA60M-180

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA60M-180 PHIHONG-PSAA60M-180 Datasheet
153Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
More results

Similar Description - PSAA60M-180

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC60M-120 PHIHONG-PSAC60M-120_17 Datasheet
89Kb / 3P
   60 Watt Universal 3-Wire Input Adapter
PSAA60M-120 PHIHONG-PSAA60M-120 Datasheet
153Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSC60M-120 PHIHONG-PSC60M-120 Datasheet
128Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_14 Datasheet
124Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120 Datasheet
118Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAA60W-120 PHIHONG-PSAA60W-120 Datasheet
118Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120_17 Datasheet
98Kb / 3P
   60 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120_14 Datasheet
114Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSC60W-120 PHIHONG-PSC60W-120 Datasheet
130Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSAA60W-150 PHIHONG-PSAA60W-150 Datasheet
100Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com