Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAA60W-240 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSAA60W-240
Description  60 Watt Universal 2-Wire Input Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAA60W-240 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSAA60W-240 Datasheet HTML 1Page - Phihong USA Inc. PSAA60W-240 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revision 1/31/2012
WWW.PHIHONG.COM
60 Watt Universal 2-Wire Input Adapter
PSAA60W Power Supply Meets EISA & Ecodesign Requirements
Features
 Low Cost
 Non-vented/Spill-proof Case
 Efficiency Level V Compliance(1)
 No Load Power consumption <0.5W
 Class B EMI
 Low Profile Design
 Ecodesign ErP Directive 2009/125/EC
level 2 annex 1b Compliant
(1)
 EISA Compliant
Applications
 Portable Equipment
 Networking
 Peripherals
 Gaming Machines
Safety Approvals
 cUL/UL
 TUV
 CE
Mechanical Characteristics
 Length: 130mm (5.12in)
 Height: 32mm (1.30in)
 Width: 60mm (2.36in)
 Weight: 300g (10.58oz)
Output Specifications
(1) Excludes 12V model which remains Level IV. Products not meeting requirements for Ecodesign Directive may not longer be
shipped to the European Union for commercial or consumer purposes.
(2) Measured after 10 minutes warm up at 25°C with 12-inch twisted pair terminated with a 10uF capacitor and 0.1uF ceramic in
parallel.
(3) 15V-48V models may be marked as Level IV despite Level V compliance. If Level V marking is required, please contact
Phihong directly to ensure stock is marked accordingly.
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple
(2)
Regulation
Efficiency
Min.
Max.
P-P (max.)
Line & Load
Level
(3)
PSAA60W-120
+12V
0A
5.0A
120mV
±5%
PSAA60W-150
+15V
0A
4.0A
150mV
±5%
PSAA60W-180
+18V
0A
3.3A
180mV
±5%
PSAA60W-240
+24V
0A
2.5A
240mV
±5%
PSAA60W-480
+48V
0A
1.25A
480mV
±5%


Similar Part No. - PSAA60W-240

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA60W-240 PHIHONG-PSAA60W-240 Datasheet
118Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
More results

Similar Description - PSAA60W-240

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA60W-120 PHIHONG-PSAA60W-120 Datasheet
118Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120_17 Datasheet
98Kb / 3P
   60 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120_14 Datasheet
114Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSC60W-120 PHIHONG-PSC60W-120 Datasheet
130Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120 Datasheet
114Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_17 Datasheet
89Kb / 3P
   60 Watt Universal 3-Wire Input Adapter
PSAA60M-120 PHIHONG-PSAA60M-120 Datasheet
153Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSC60M-120 PHIHONG-PSC60M-120 Datasheet
128Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_14 Datasheet
124Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAA60M-120 PHIHONG-PSAA60M-120_14 Datasheet
107Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com