Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAVR-000200 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MAVR-000200
Description  Low-Voltage / High Q Si Hyperabrupt Varactors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAVR-000200 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MAVR-000200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAVR-000200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAVR-000200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAVR-000200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAVR-000200 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAVR-000200 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAVR-000200 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Low-Voltage / High Q Si Hyperabrupt Varactors
Rev. V6
MAVR-000200 Series
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
7
Mounting Information
The illustration indicates the recommended mounting pad configuration for the SC-79, SC70 3LD, SOT-23 and
SOD-323 packages. Solder paste containing flux should be screened onto the pads to a thickness of
0.005 - 0.007 inches. The plastic package is placed in position, firmly adhering to the solder paste.
Permanent attachment is performed by a reflow soldering procedure during which the tab temperature does not
exceed +275°C and the body temperature does not exceed +260°C.
Please refer to Application Note M538 for surface mounting instructions.
0.030
0.80
0.030
0.80
0.030
0.80
0.075
1.9
0.030
0.80
inches
mm
Dimenstions:
0.030
0.80
.090
2.2
0.030
0.80
0.030
0.80
0.020
0.50
0.053
1.35
0.020
0.50
0.75
1.9
.037
0.95
.035
0.90
.090
2.2
.030
0.80
inches
m in.
min.
SOT-23 (Case Style 287)
SC-70, 3 Lead (Case Style 1146)
SOD-323 (Case Style 1141)
SC-79 (Case Style 1279)
Dimensions: inches/mm
Dimensions: inches/mm
Dimensions: inches/mm
Dimensions: inches/mm


Similar Part No. - MAVR-000200

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVR-000200 MA-COM-MAVR-000200_15 Datasheet
736Kb / 8P
   Low-Voltage / High Q Si Hyperabrupt Varactors
More results

Similar Description - MAVR-000200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST200 MACOM-MA4ST200_1 Datasheet
119Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200_15 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200_V5 MA-COM-MA4ST200_V5 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST200 MACOM-MA4ST200 Datasheet
62Kb / 3P
   Low-Voltage / High Q Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MAVR-000200 MA-COM-MAVR-000200_15 Datasheet
736Kb / 8P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300_15 Datasheet
104Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST300 MACOM-MA4ST300 Datasheet
69Kb / 4P
   Low - Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MACOM-MA4ST300_1 Datasheet
100Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com