Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECKTBC222ME Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECKTBC222ME
Description  Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKTBC222ME Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECKTBC222ME Datasheet HTML 1Page - Panasonic Semiconductor ECKTBC222ME Datasheet HTML 2Page - Panasonic Semiconductor ECKTBC222ME Datasheet HTML 3Page - Panasonic Semiconductor ECKTBC222ME Datasheet HTML 4Page - Panasonic Semiconductor ECKTBC222ME Datasheet HTML 5Page - Panasonic Semiconductor ECKTBC222ME Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
■ Typical Characteristics
● Temperature Characteristics
Char. SL/GP
(Temp.Coeff.:+350 to –1000 ppm/℃)
Char. B/Y5P
Temp.Range:–25 to 85 ℃
Max.Cap.Change:±10 %
Char. E/Y5U
()
Temp.Range:–25 to 85 ℃
max.Cap.Change:+20, –55 %
Char. F/Y5V
()
Temp. Range :–25 to 85 ℃
max.Cap.Change:+30, –80 %
● Impedance vs. Frequency Characteristics
Type BC
Type FC
Ceramic Capacitors (Safety Regulation SMD)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.


Similar Part No. - ECKTBC222ME

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKTBC222ME PANASONIC-ECKTBC222ME Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECKTBC222ME PANASONIC-ECKTBC222ME Datasheet
247Kb / 5P
   Ceramic Capacitors (Safety Regulation SMD)
ECKTBC222ME PANASONIC-ECKTBC222ME Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTBC222ME PANASONIC-ECKTBC222ME Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTBC222ME PANASONIC-ECKTBC222ME Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
More results

Similar Description - ECKTBC222ME

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKTHC101KB PANASONIC-ECKTHC101KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-THC471KB PANASONIC-ECK-THC471KB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-TFC221KB PANASONIC-ECK-TFC221KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-TBC472MF PANASONIC-ECK-TBC472MF Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECCTBC100DG PANASONIC-ECCTBC100DG Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA101MB PANASONIC-ECK-DNA101MB Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA152ME PANASONIC-ECK-DNA152ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com