Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPA1003 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # NPA1003
Description  Gallium Nitride 28V, 5W, 20-1500 MHz MMIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPA1003 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

  NPA1003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8
NPA1003
NDS-030 Rev. 4, 011414
Nitronex, LLC
2305 Presidential Drive
Durham, NC 27703 USA
+1.919.807.9100 (telephone)
+1.919.807.9200 (fax)
info@nitronex.com
www.nitronex.com
Additional Information
This part is lead-free and is compliant with the RoHS directive
(Restrictions on the Use of Certain Hazardous Substances in Electrical and Electronic Equipment).
Important Notice
Nitronex, LLC reserves the right to make corrections, modifications, enhancements, improvements and other changes to its products and
services at any time and to discontinue any product or service without notice. Customers should obtain the latest relevant information
before placing orders and should verify that such information is current and complete. All products are sold subject to Nitronex terms and
conditions of sale supplied at the time of order acknowledgment. The latest information from Nitronex can be found either by calling
Nitronex at 1-919-807-9100 or visiting our website at www.nitronex.com.
Nitronex warrants performance of its packaged semiconductor or die to the specifications applicable at the time of sale in accordance
with Nitronex standard warranty. Testing and other quality control techniques are used to the extent Nitronex deems necessary to sup-
port the warranty. Except where mandated by government requirements, testing of all parameters of each product is not necessarily
performed.
Nitronex assumes no liability for applications assistance or customer product design. Customers are responsible for their product and
applications using Nitronex semiconductor products or services. To minimize the risks associated with customer products and applica-
tions, customers should provide adequate design and operating safeguards.
Nitronex does not warrant or represent that any license, either express or implied, is granted under any Nitronex patent right, copyright,
mask work right, or other Nitronex intellectual property right relating to any combination, machine or process in which Nitronex products
or services are used.
Reproduction of information in Nitronex data sheets is permitted if and only if said reproduction does not alter any of the information
and is accompanied by all associated warranties, conditions, limitations and notices. Any alteration of the contained information
invalidates all warranties and Nitronex is not responsible or liable for any such statements.
Nitronex products are not intended or authorized for use in life support systems, including but not limited to surgical implants into the
body or any other application intended to support or sustain life. Should Buyer purchase or use Nitronex, LLC products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Nitronex, LLC, its officers, employees, subsidiaries, affiliates,
distributors, and its successors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out
of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, notwithstanding if
such claim alleges that Nitronex was negligent regarding the design or manufacture of said products.
Nitronex and the Nitronex logo are registered trademarks of Nitronex, LLC.
All other product or service names are the property of their respective owners.
©Nitronex, LLC 2013 All rights reserved.


Similar Part No. - NPA1003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPA1003QA MA-COM-NPA1003QA Datasheet
1Mb / 11P
   GaN on Si HEMT D-Mode Amplifier
NPA1003QA-SMBPPR MA-COM-NPA1003QA-SMBPPR Datasheet
1Mb / 11P
   GaN on Si HEMT D-Mode Amplifier
NPA1003 MA-COM-NPA1003_15 Datasheet
1Mb / 8P
   20-1500 MHz MMIC Amplifier
More results

Similar Description - NPA1003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPTB00004 MA-COM-NPTB00004 Datasheet
953Kb / 10P
   Gallium Nitride 28V, 5W RF Power Transistor
NPTB00004A MA-COM-NPTB00004A Datasheet
2Mb / 10P
   Gallium Nitride 28V, 5W, DC-6 GHz HEMT
NPA1003 MA-COM-NPA1003_15 Datasheet
1Mb / 8P
   20-1500 MHz MMIC Amplifier
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
   Gallium Nitride 28V, 45W RF Power Transistor
logo
List of Unclassifed Man...
NPT1010 ETC2-NPT1010 Datasheet
1Mb / 10P
   Gallium Nitride 28V, 100W RF Power Transistor
NPT35050A ETC2-NPT35050A Datasheet
673Kb / 10P
   Gallium Nitride 28V, 65W RF Power Transistor
NPT35015 ETC2-NPT35015 Datasheet
716Kb / 10P
   Gallium Nitride 28V, 18W RF Power Transistor
logo
M/A-COM Technology Solu...
NPT35050A MA-COM-NPT35050A Datasheet
673Kb / 10P
   Gallium Nitride 28V, 65W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
   Gallium Nitride 28V, 200W RF Power Transistor
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
   Gallium Nitride 28V, 25W RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com