Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEFT0J221AR Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEFT0J221AR
Description  Aluminum Electrolytic Capacitors/ FT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFT0J221AR Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEFT0J221AR Datasheet HTML 1Page - Panasonic Semiconductor EEEFT0J221AR Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FT
– EEE-45 –
A±0.2
W
( ) Reference size
L
+
0.3 max.
Pressure Relief (
010 and larger)
Capacitance (μF)
Rated voltage Mark
Series identification
Lot number
Negative polarity
marking (–)
Features
● Endurance: 2000 h at 105 °C
● Miniaturized, Low ESR (1 size smaller than series FK)
● AEC-Q200 qualified
● RoHS directive compliant
Surface Mount Type
Series:
FT Type: V
High temperature Lead-Free reflow(suffix:A
✽)
Specifications
Category Temp. Range
–55 °C to +105 °C
Rated W.V.Range
6.3 V.DC to 50 V.DC
Nominal Cap.Range
10 μF to 2200 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV After 2 minutes
tan
d
Please see the attached High temperature lead-free reflow products list.
Endurance
After applying rated working voltage for 2000 hours at +105 °C±2 °C and then being stabilized at +20 °C,
Capacitors shall meet the following limits.
Capacitance change
±30 % of initial measured value
tan d
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitor shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan d
< initial specified value
DC leakage current
< initial specified value
Dimensions in mm (not to scale)
Marking
Example:25 V 22 μF
Marking color : BLACK
Size
code
DL
A, B
H
IW
P
K
B
4.0
5.8±0.3
4.3
5.5 max.
1.8
0.65±0.1
1.0
0.35 - 0.20
C
5.0
5.8±0.3
5.3
6.5 max.
2.2
0.65±0.1
1.5
0.35 - 0.20
D
6.3
5.8±0.3
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 - 0.20
D8
6.3
7.7±0.3
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 - 0.20
F
8.0
10.2±0.3
8.3
10.0 max.
3.4
0.90±0.2
3.1
0.70±0.20
G
10.0
10.2±0.3
10.3
12.0 max.
3.5
0.90±0.2
4.6
0.70±0.20
+ 0.15
+ 0.15
+ 0.15
+ 0.15
Cap (μF)
Frequency (Hz)
120
1 k
10 k
100 k to
10
to
470
0.65
0.85
0.95
1.00
560
to
2200
0.70
0.90
0.95
1.00
Frequency correction factor for ripple current
(Unit : mm)
j
6.3 V
A
10 V
C
16 V
Rated Voltage Mark
E
25 V
V
35 V
H
50 V
✽ This product qualify for AEC-Q200, but it has some deviations.
03 Mar. 2014


Similar Part No. - EEEFT0J221AR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFT0J221AR PANASONIC-EEEFT0J221AR Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEEFT0J221AR PANASONIC-EEEFT0J221AR Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
logo
Pacific Silicon Sensor,...
EEEFT0J221AR PACIFIC-EEEFT0J221AR Datasheet
77Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
logo
Panasonic Semiconductor
EEEFT0J221AR PANASONIC-EEEFT0J221AR Datasheet
76Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEEFT0J221AR PANASONIC-EEEFT0J221AR Datasheet
76Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
More results

Similar Description - EEEFT0J221AR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FT1C681AP PANASONIC-EEE-FT1C681AP Datasheet
76Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FT1E471AP PANASONIC-EEE-FT1E471AP Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FTA331XAP PANASONIC-EEE-FTA331XAP Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FTV151XAP PANASONIC-EEE-FTV151XAP Datasheet
66Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
logo
Pacific Silicon Sensor,...
EEE-FT1A221AP PACIFIC-EEE-FT1A221AP Datasheet
77Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
logo
Panasonic Semiconductor
EEE-FT1H331AP PANASONIC-EEE-FT1H331AP Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FTC331XAP PANASONIC-EEE-FTC331XAP Datasheet
76Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FTE221XAP PANASONIC-EEE-FTE221XAP Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FT1V561AP PANASONIC-EEE-FT1V561AP Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FT1V101AP PANASONIC-EEE-FT1V101AP Datasheet
76Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com