Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7301Q-110 Datasheet(PDF) 2 Page - Etron Technology, Inc.

Part # EL7301Q-110
Description  single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EL7301Q-110 Datasheet(HTML) 2 Page - Etron Technology, Inc.

  EL7301Q-110 Datasheet HTML 1Page - Etron Technology, Inc. EL7301Q-110 Datasheet HTML 2Page - Etron Technology, Inc. EL7301Q-110 Datasheet HTML 3Page - Etron Technology, Inc. EL7301Q-110 Datasheet HTML 4Page - Etron Technology, Inc. EL7301Q-110 Datasheet HTML 5Page - Etron Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EL7301
Introduction
Figure : EL7301 system block diagram application in dual interface
The EL7301 captures input RGB graphics signals directly through the use of the internal PLLs. Such
signals will then be converted to 8-bit digital data per channel. The output frequencies range is up to
the resolution of SXGA with very small jitter (typically equal to 800ps). Such advantage surely
provides high degree of flexibility and display quality for users while setting different level of
resolution
Etron's EL7301 is the key graphics processing IC that enable liquid Crystal Display (LCD) monitor at
SVGA, XGA and SXGA TFT-LCD resolution. This single chip solution included a triple-channel ADC,
two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
scaling engine. The digital or video input can also be supported via analog/digital input ports that
implemented in EL7301.
1
Video
Decoder
VD[23:0]
NTSC/PAL/
SECAM
R/G/B
H-sync/V-sync
Triple
ADC
PLL
PLL
PD[47:0]
PHS/PVS/PDE
PCLK0
PCLK1
MPU
Optional
External
OSD
AD[7:0]
Controls
CS
R/G/B
25 MHz
X'tal
X'tal_I
De-
interlacer
EL7301
Core
TFT
Panel
Host
I/F
OSD
SoG
Processor
DVS/DHS
DDE/DCLK


Similar Part No. - EL7301Q-110

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EL7300 ETRON-EL7300 Datasheet
889Kb / 5P
   highly integrated single chip solution for the Flat Panel Display applications
EL7300Q-110 ETRON-EL7300Q-110 Datasheet
889Kb / 5P
   highly integrated single chip solution for the Flat Panel Display applications
EL7300Q-140 ETRON-EL7300Q-140 Datasheet
889Kb / 5P
   highly integrated single chip solution for the Flat Panel Display applications
EL7300Q-160 ETRON-EL7300Q-160 Datasheet
889Kb / 5P
   highly integrated single chip solution for the Flat Panel Display applications
More results

Similar Description - EL7301Q-110

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
   TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
Motorola, Inc
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
   Advanced Monitor On-Screen Display
logo
NXP Semiconductors
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
SAA5520 PHILIPS-SAA5520 Datasheet
340Kb / 80P
   Standard TV Microcontrollers with On-Screen Display(OSD)
1999 Oct 27
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
logo
Infineon Technologies A...
IRS1010C INFINEON-IRS1010C Datasheet
379Kb / 2P
   Most integrated and sophisticated Time-of-Flight (ToF) imager available on the market.
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
[Old version datasheet]   VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com