Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2456 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI2456
Description  V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2456 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI2456 Datasheet HTML 4Page - Silicon Laboratories SI2456 Datasheet HTML 5Page - Silicon Laboratories SI2456 Datasheet HTML 6Page - Silicon Laboratories SI2456 Datasheet HTML 7Page - Silicon Laboratories SI2456 Datasheet HTML 8Page - Silicon Laboratories SI2456 Datasheet HTML 9Page - Silicon Laboratories SI2456 Datasheet HTML 10Page - Silicon Laboratories SI2456 Datasheet HTML 11Page - Silicon Laboratories SI2456 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
Si2456/33/14
8
Rev. 1.2
Table 5. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VD
4.1
V
Input Current, Si2456/33/14 Digital Input Pins
IIN
±10
µA
Digital Input Voltage
VIND
–0.3 to 5.3
V
CLKIN/XTALI Input Voltage
VXIND
–0.3 to (VD + 0.3)
V
Operating Temperature Range
TA
–10 to 100
°C
Storage Temperature Range
TSTG
–40 to 150
°C
Note: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 6. Switching Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for K-Grade)
Parameter
Symbol
Min
Typ
Max
Unit
CLKOUT Output Clock Frequency
2.4576
39.3216
MHz
Baud Rate Accuracy
tBD
–1
1
%
CTS or RTS
↑ High to Start Bit↓
tRTS
10
ns
RESET
↓ to RESET ↑
tRS
5.0
ms
RESET
↑ to 1st AT Command
tAT
300
ms
Address Setup
tAS
15
ns
Address Hold
tAH
0—
ns
WR Low Pulse Width
tWL
50
ns
Write Data Setup Time
tWDSU
20
ns
Write Cycle Time
tWC
120
ns
Chip Select Setup
tCSS
10
ns
Chip Select Hold
tCSH
0—
ns
RD Low Pulse Width
tRL
50
ns
RD Low to Data Driven Time
tRLDD
——
20
ns
Data Hold
tDH
10
ns
RD High to Hi-Z Time
tDZ
——
30
ns
Read Cycle Time
tRC
120
ns
Note: All timing is referenced to the 50% level of the waveform. Input test levels are VIH =VD – 0.4 V, VIL =0.4 V


Similar Part No. - SI2456

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2456 ETC2-SI2456 Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
More results

Similar Description - SI2456

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com