Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5374B-A-GL Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI5374B-A-GL
Description  Timing Selector Guide
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5374B-A-GL Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI5374B-A-GL Datasheet HTML 7Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 8Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 9Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 10Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 11Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 12Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 13Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 14Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CLOCK A ND OSCILL ATOR SELEC TOR /
11
UNIVERSAL BUFFER FEATURES
Clock Distribution
WEB-CONFIGURABLE CUSTOM CLOCK BUFFERS AVAILABLE AT:
www.silabs.com/ClockBuilder
Silicon Labs’ low jitter clock buffers produce multiple copies of an input clock at the same frequency with minimal additive
jitter. LVDS, LVPECL, HCSL, CML, LVCMOS, SSTL and HSTL buffers are available, including devices that support multiple
formats per device.
Fanout Buffers/Level Translators
PART NUMBER CONTROL
CLOCK
INPUT/
OUTPUTS
ADDITIVE
JITTER
(RMS)
INPUT
FREQUENCY
(MHz)
OUTPUT
FREQUENCY
(MHz)
VDD
VDDO
OUTPUT
PACKAGE
Si53302
Pin
2/10
100 fs
1 - 725 MHz
1 - 725 MHz
1.8, 2.5, 3.3 V
1.8, 2.5 V
LVCMOS, LVDS, LVPECL, HCSL, CML
QFN44
Si53301
Pin
2/6
100 fs
1 - 725 MHz
1 - 725 MHz
1.8, 2.5, 3.3 V
1.8, 2.5 V
LVCMOS, LVDS, LVPECL, HCSL, CML
QFN44
Si53306
Si53315
Pin
2/10
100 fs
1 - 1250 MHz
1 - 1250 MHz
1.8, 2.5, 3.3 V
1.8, 2.5 V
LVCMOS, LVDS, LVPECL, HCSL, CML
QFN44
Si53320
Pin
2/10
100 fs
1 - 725 MHz
1 - 725 MHz
2.5, 3.3 V
2.5, 3.3 V
LVPECL
TSSOP20
Si53360
Pin
1/8
100 fs
1 - 200 MHz
1 - 200 MHz
1.8, 2.5, 3.3 V
1.8, 2.5 V
LVCMOS
TSSOP16
Si53152
Pin/I2C
1/2
1.0 ps
100 MHz
100 MHz
3.3 V
3.3 V
HCSL
QFN24
Si53154
Pin/I2C
1/4
1.0 ps
100 MHz
100 MHz
3.3 V
3.3 V
HCSL
QFN24
Si53156
Pin/I2C
1/6
1.0 ps
100 MHz
100 MHz
3.3 V
3.3 V
HCSL
QFN32
Si53159
Pin/I2C
1/9
1.0 ps
100 MHz
100 MHz
3.3 V
3.3 V
HCSL
QFN48
SL2304NZ
Pin
1/4
1 - 140 MHz
1 - 140 MHz
3.3 V
LVCMOS
8TSSOP/8SOIC
SL23EP04NZ
Pin
1/4
DC - 220 MHz
DC - 220 MHz
2.5 V, 3.3 V
LVCMOS
TSSOP8
SL2305NZ
Pin
1/5
1 - 140 MHz
1 - 140 MHz
3.3 V
LVCMOS
TSSOP8/SOIC8
SL2309NZ
Pin
1/9
DC - 140 MHz
DC - 140 MHz
3.3 V
3.3 V
LVCMOS
SOIC16
SL23EP09NZ
Pin
1/9
1 - 220 MHz
1 - 220 MHz
2.5 V, 3.3 V
LVCMOS
TSSOP16/SOIC16
SL28PCIe14
Pin/I2C
2/4
1.0 ps
25 MHz/100 MHz
100 MHz
3.3 V
3.3 V
HCSL
QFN32
Si5330
Pin
1/4
150 fs
5 - 710 MHz
5 - 710 MHz
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVPECL, LVDS, HCSL, SSTL, HSTL
QFN24
Si5330F
Pin
1/8
5 - 200 MHz
5 - 200 MHz
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
QFN24
Si5335
Pin
1/4
150 fs
1 - 350 MHz
1 - 350 MHz
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS, LVDS, LVPECL,
HCSL, SSTL, HSTL,CML
QFN24
SL18860DC
Pin
1/3
10 - 52 MHz
10 - 52 MHz
1.8, 2.5, 3.3 V
LVCMOS
TDFN10
• Wide operating frequency DC - 1.25 GHz
• 2-10 differential or 4-20 LVCMOS outputs
• Universal input stage accepts any differential or single-
ended input
• Pin-selectable signal format per bank (LVPECL,
Low Power LVPECL, LVDS, CML, HCSL, LVCMOS)
• Ultra-low additive jitter: 45 fs rms (12 kHz - 20 MHz)
• 2:1 mux with glitchless clock switching
• Synchronous output enable/Individual output enable
• Integrated voltage level translation
• Selectable LVCMOS drive strength to tailor jitter
and EMI performance
• Optional output clock division: div-1, div-2, div-4
• Low output-output skew: <50 ps
• Excellent PSRR
• Independent VDD and VDDO: 1.8, 2.5 or 3.3 V
Si510 XO
Si510 XO
Si533x
Fanout
Buffer
Si533x
Fanout
Buffer
Gbe PHY
FPGA
SoC/MPU
Gbe PHY


Similar Part No. - SI5374B-A-GL

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5374B-A-GL SKYWORKS-SI5374B-A-GL Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
More results

Similar Description - SI5374B-A-GL

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com