Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL28EB731A Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SL28EB731A
Description  Timing Selector Guide
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28EB731A Datasheet(HTML) 4 Page - Silicon Laboratories

  SL28EB731A Datasheet HTML 1Page - Silicon Laboratories SL28EB731A Datasheet HTML 2Page - Silicon Laboratories SL28EB731A Datasheet HTML 3Page - Silicon Laboratories SL28EB731A Datasheet HTML 4Page - Silicon Laboratories SL28EB731A Datasheet HTML 5Page - Silicon Laboratories SL28EB731A Datasheet HTML 6Page - Silicon Laboratories SL28EB731A Datasheet HTML 7Page - Silicon Laboratories SL28EB731A Datasheet HTML 8Page - Silicon Laboratories SL28EB731A Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4 / CLOCK A ND OSCILL ATOR SELEC TOR
Silicon Labs’ highly flexible, factory and I2C programmable tiny clock LVCMOS generators can be customized to generate
multiple frequencies with significantly lower jitter, lower power and smaller size than competing solutions. Customization
options are available for frequency selection, output enable control, or minimizing EMI, including customizable spread
percentage, modulation rate, output impedance and rise time/fall time.
Tiny CMOS Clocks
Si512xx TINY CLOCK FEATURES
• Up to three customizable output frequencies from
3 to 200 MHz
• Accepts 8 to 48 MHz crystal or 3 to 166 MHz external
reference clock
• Low cycle-to-cycle jitter: <150 ps
• Low power: 2.3 mA (typ) at 48 MHz output,
25 MHz xtal in and VDD = 3.3 V
• Center spread modulation from 0.25 to 1.0%,
with 0.125% resolution
• Programmable spread modulation rate from 30 - 62 kHz
• Customizable drive strengths (four levels
for each output)
• Customizable control pins (PD#/OE/SSON#/FS)
• Supply range: 1.8 V for Si51214;
2.5 to 3.3 V for other devices
• Ultra-compact packages
• 6-pin TDFN (1.2 mm x 1.4 mm x 0.75 mm)
• 8-pin TDFN (1.6 mm x 1.4 mm x 0.75 mm)
• Factory programmable OTP
• Two week sample lead time
PART NUMBER
CONTROL
CLOCK
INPUT/
OUTPUTS
INPUT
FREQUENCY (MHz)
OUTPUT
FREQUENCY (MHz)
PERIOD
JITTER
(PP)
VDD
VDDO
OUTPUT
PACKAGE
Si51210
Pin
1/2
3 - 166 (Clock), 8 - 48 (Xtal)
3 to 200 MHz
2.5 to 3.3 V
LVCMOS
TDFN6
Si51211
Pin
1/3
3 - 166 (Clock), 8 - 48 (Xtal)
3 to 200 MHz
2.5 to 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
TDFN8
Si51214
Pin
1/2
3 - 166 (Clock), 8 - 48 (Xtal)
3 to 133 MHz
1.8 V
LVCMOS
TDFN6
Si51219
Pin
1/3
3 - 166 (Clock), 8 - 48 (Xtal)
3 to 200 MHz
2.5 to 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
TSSOP8
Si5350A
Pin
1/3
25/27 (Xtal)
8 kHz to 160 MHz
100 ps
2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
MSOP10
Si5350C
Pin
1/3
10 - 100 (Clock), 25/27 (Xtal)
8 kHz to 160 MHz
100 ps
2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
MSOP10
Si5351A
I2C
1/3
25/27 (Xtal)
8 kHz to 160 MHz
100 ps
2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
MSOP10
CMOS/CCD Driver/
AFE
CMOS/CCD Driver/
AFE
LCD Driver
LCD Driver
Si51210
Tiny Clock
Generator
Si51210
Tiny Clock
Generator
Si51211
Tiny Clock
Generator
Si51211
Tiny Clock
Generator
µProcessor
µProcessor
USB
USB
HDMI Cable
HDMI Cable
WLAN
Memory
Memory
12 MHz
27 MHz
74.25 MHz/
74.1758 MHz
12 MHz
38 MHz/
40 MHz


Similar Part No. - SL28EB731A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL28EB742 ETC2-SL28EB742 Datasheet
231Kb / 40P
   INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
logo
Silicon Laboratories
SL28EB742 SILABS-SL28EB742 Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
SL28EB742ALC SILABS-SL28EB742ALC Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
More results

Similar Description - SL28EB731A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com