Selected language     English  ā–¼


R-1 Datasheet(PDF) 3 Page - Continental Device India Limited

Part No. R-1
Description  R-1 Axial Plastic Package
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDIL [Continental Device India Limited]
Homepage  http://www.cdilsemi.com
Logo 

   
 3 page
background image
R-1 Package and Packaging
DIM
Min
Max
A
26.0
26.4
1. 300 mm (Min) leader tape on every roll.
B
50.0
60.0
C
5.0
6.0
2. No. of empty places allowed 0.25% without consecutive empty places.
D
1.5R
E
4.5
5.5
3. Ends of leads shall normally not protrude beyond the tapes.
F
1.0
4. Components shall be held sufficiently in the tape or tapes so that
they can not come free in normal handling.
R1_Pkg_Drawing Rev041005
All Dimensions are in mm
TAPE SPECIFICATIONS
R-1 26 mm Tape
AXIAL TAPE FOR R-1
Continental Device India Limited
Data Sheet
Page
3 of 5




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl