Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2N2369 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # P2N2369
Description  NPN SILICON HIGH SPEED SWITHCHING TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

P2N2369 Datasheet(HTML) 3 Page - Continental Device India Limited

  P2N2369 Datasheet HTML 1Page - Continental Device India Limited P2N2369 Datasheet HTML 2Page - Continental Device India Limited P2N2369 Datasheet HTML 3Page - Continental Device India Limited P2N2369 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P2N2369
TO-92
Plastic Package
TO-92 Transistors on Tape and Ammo Pack
TO-92 Transistors on Tape and Ammo Pack
TO-92 Bulk
TO-92 T&A
1K/polybag
2K/ammo box
200 gm/1K pcs
645 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5K
2K
17" x 15" x 13.5"
17" x 15" x 13.5"
80K
32K
23 kgs
12.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
F
F
3 2 1
PIN CONFIGURATION
1. EMITTER
2. BASE
3. COLLECTOR
All diminsions in mm.
DIM
MIN.
MAX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F
5 DEG
G
1.14
1.40
H
1.14
1.53
2.082
K
L
12.70
1.982
1
2
3
SEC AA
D
B
D
A A
G
1
2
3
Mechanical Data
T
A
A1
P
(p)
C1
C2
W2
Do
F2
F
P2
Po
F1
W1
Wo
W
H1
H2
H3
L
t1
t
Ho
h1
h1
h
h
ITEM
SYMBOL
SPECIFICATION
PULL - OUT FORCE
(P)
6N
MIN. NOM.
BODY WIDTH
A1
4.0
4.8
BODY HEIGHT
A
4.8
5.2
BODY THICKNESS
T
3.9
4.2
AT TOP OF BODY
COMPONENT ALIGNMENT SIDE VIEW
h
0
1.0
AT TOP OF BODY
COMPONENT ALIGNMENT FRONT VIEW
h1
0
1.3
COMPONENT HEIGHT
H1
23.25
LENGTH OF SNIPPED LEADS
L
11.0
t1 0.3-0.6
TOTAL TAPE THICKNESS
t
1.2
CLINCH HEIGHT
H3
3.0
LEAD PARALLELISM
| C1 - C2 |
0.22
MAX.
PITCH OF COMPONENT
P
12.7
± 1.0
CUMULATIVE PITCH ERROR 1.0 mm/20 PITCH
FEED HOLE PITCH
Po
12.7
± 0.3
FEED HOLE CENTRE TO
TO BE MEASURED AT BOTTOM OF CLINCH
COMPONENT CENTRE
P2
6.35
± 0.4
DISTANCE BETWEEN OUTER
LEADS
F
5.08
+ 0.6
- 0.2
TAPE WIDTH
W
18
± 0.5
HOLD-DOWN TAPE WIDTH
Wo
6
± 0.2
HOLE POSITION
W1
9
+ 0.7
- 0.5
HOLD-DOWN TAPE POSITION
W2
0.5
± 0.2
LEAD WIRE CLINCH HEIGHT
Ho
16
± 0.5
FEED HOLE DIAMETER
Do
4
± 0.2
LEAD - TO - LEAD DISTANCE
F1, F2
2.54
+ 0.4
STAND OFF
H2
0.45
1.45
TOL .
REMARKS
NOTES
1. Maximum alignment deviation between leads will not to be greater than 0.2mm.
2. Maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches.
3. Holddown tape will not exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive.
4. There will be no more than three (3) consecutive missing components in a tape.
5. A tape trailer, having at least three feed holes are provided after the last component in a tape.
6. Splices should not interfere with the sprocket feed holes.
- 0.1
Adhesive Tape on Top Side
Flat side
Flat Side of Transistor and
Adhesive Tape Visible
2000 pcs./Ammo Pack
Label
Carrier
Strip
186
(7.3")
332
(13
")
FEE
D
43
(1.7"
)
Ammo Pack Style
All dimensions in mm
Continental Device India Limited
Data Sheet
Page 3 of 4


Similar Part No. - P2N2369

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2N2369 ETC-P2N2369 Datasheet
220Kb / 4P
   NPN SILICON HIGH SPEED SWITHCHING TRANSISTORS
logo
Continental Device Indi...
P2N2369A CDIL-P2N2369A Datasheet
255Kb / 4P
   NPN SILICON HIGH SPEED SWITHCHING TRANSISTOR
More results

Similar Description - P2N2369

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
PN2369 CDIL-PN2369 Datasheet
250Kb / 4P
   NPN SILICON HIGH SPEED SWITHCHING TRANSISTORS
logo
List of Unclassifed Man...
P2N2369 ETC-P2N2369 Datasheet
220Kb / 4P
   NPN SILICON HIGH SPEED SWITHCHING TRANSISTORS
logo
Continental Device Indi...
P2N2369A CDIL-P2N2369A Datasheet
255Kb / 4P
   NPN SILICON HIGH SPEED SWITHCHING TRANSISTOR
logo
Central Semiconductor C...
2N3009 CENTRAL-2N3009_15 Datasheet
83Kb / 1P
   NPN SILICON HIGH SPEED SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3009 NJSEMI-2N3009 Datasheet
90Kb / 1P
   NPN SILICON HIGH SPEED SWITCHING TRANSISTORS
logo
Central Semiconductor C...
2N3009 CENTRAL-2N3009 Datasheet
79Kb / 1P
   NPN SILICON HIGH SPEED SWITCHING TRANSISTORS
logo
Zetex Semiconductors
ZTX320 ZETEX-ZTX320 Datasheet
55Kb / 2P
   NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS
logo
Diodes Incorporated
ZTX320 DIODES-ZTX320 Datasheet
59Kb / 2P
   NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS
logo
List of Unclassifed Man...
ZTX310 ETC2-ZTX310 Datasheet
206Kb / 4P
   NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
2N2195 NJSEMI-2N2195 Datasheet
125Kb / 1P
   HIGH-SPEED NPN SILICON, HIGH-CURRENT SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com