Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS2907A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MPS2907A
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPS2907A Datasheet(HTML) 1 Page - Continental Device India Limited

  MPS2907A Datasheet HTML 1Page - Continental Device India Limited MPS2907A Datasheet HTML 2Page - Continental Device India Limited MPS2907A Datasheet HTML 3Page - Continental Device India Limited MPS2907A Datasheet HTML 4Page - Continental Device India Limited MPS2907A Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907
MPS2907A
TO-92
Plastic Package
General Purpose Transistors
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MPS2907
MPS2907A
UNITS
Collector Emitter Voltage
VCEO
40
60
V
Collector Base Voltage
VCBO
60
75
V
Emitter Base Voltage
VEBO
5V
Collector Current Continuous
IC
600
mA
Power Dissipation @ Ta=25ºC
PD
625
mW
Derate Above 25ºC
5
mW/ºC
Power Dissipation @ Tc=25ºC
PD
1.5
W
Derate Above 25ºC
12
mW/ºC
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
200
ºC/W
Junction to case
Rth(j-c)
83.3
ºC/W
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MPS2907A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS2907A MOTOROLA-MPS2907A Datasheet
245Kb / 6P
   General Purpose Transistors
logo
SHENZHEN YONGERJIA INDU...
MPS2907A WINNERJOIN-MPS2907A Datasheet
126Kb / 1P
   TRANSISTOR (PNP)
logo
ON Semiconductor
MPS2907A ONSEMI-MPS2907A Datasheet
115Kb / 8P
   General Purpose Transistors(PNP Silicon)
October, 2001 ??Rev. 0
logo
Allied Components Inter...
MPS2907A ALLIED-MPS2907A Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Samsung semiconductor
MPS2907A SAMSUNG-MPS2907A Datasheet
36Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
More results

Similar Description - MPS2907A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3644 MICRO-ELECTRONICS-PN3644 Datasheet
143Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
   PNP Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CP754 CDIL-CP754 Datasheet
148Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC559 CDIL-BC559 Datasheet
304Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC460 CDIL-BC460 Datasheet
92Kb / 2P
   PNP EPITAXIAL PLANAR SILICON TRANSISTORS
BFX87 CDIL-BFX87 Datasheet
94Kb / 3P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com