Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ7V5 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MMSZ7V5
Description  ZENER VOLTAGE REGULATOR DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MMSZ7V5 Datasheet(HTML) 2 Page - Continental Device India Limited

  MMSZ7V5 Datasheet HTML 1Page - Continental Device India Limited MMSZ7V5 Datasheet HTML 2Page - Continental Device India Limited MMSZ7V5 Datasheet HTML 3Page - Continental Device India Limited MMSZ7V5 Datasheet HTML 4Page - Continental Device India Limited MMSZ7V5 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SILIICON PLANAR VOLTAGE REGULATOR DIODES
MMSZ4V7 - 56V
SOD-123
PLASTIC PACKAGE
Forward Voltage at IF=10mA <0.9V and <1.5V at 200mA
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
ZZT1
(Note5)
VZ2 (V) Notes
3 and 4
at
IZT2=1mA
ZZT2 (Note 5)
(
Ω)
IR at
VR
at IZT2=1mA
µµA
(V)
min
nom
max
min
max
max
Max
MMSZ11
10.45
11
11.55
10.2
11.6
150
0.1
8.0
MMSZ12
11.40
12
12.60
25
11.2
12.7
150
0.1
8.0
MMSZ13
12.35
13
13.65
30
12.3
14.0
170
0.1
8.0
MMSZ15
14.25
15
15.75
30
13.7
15.5
200
0.05
10.5
MMSZ16
15.20
16
16.80
40
15.2
17.0
200
0.05
11.2
MMSZ18
17.10
18
18.90
45
16.7
19.0
225
0.05
12.6
MMSZ20
19.00
20
21.00
55
18.7
21.1
225
0.05
14
MMSZ22
20.90
22
23.10
55
20.7
23.2
250
0.05
15.4
MMSZ24
22.80
24
25.20
70
22.7
25.5
250
0.05
16.8
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
ZZT1
(Note
5)
VZ2 (V) Notes
3 and 4
at
IZT2=0.1mA
ZZT2 (Note 5)
(
Ω)
IR at
VR
at IZT2=0.5mA
µµA
(V)
min
nom
max
min
max
max
Max
MMSZ27
25.65
27
28.35
25.0
28.9
300
0.05
18.9
MMSZ30
28.50
30
31.50
80
27.8
32.0
300
0.05
21.0
MMSZ33
31.35
33
34.65
80
30.8
35.0
325
0.05
23.1
MMSZ36
34.20
36
37.80
90
33.8
38.0
350
0.05
25.2
MMSZ39
37.05
39
40.95
130
36.7
41.0
350
0.05
27.3
MMSZ43
40.85
43
45.15
150
39.7
46.0
375
0.05
30.1
MMSZ47
44.65
47
49.35
170
43.7
50.0
375
0.05
32.9
MMSZ51
48.45
51
53.55
180
47.6
54.0
400
0.05
35.7
MMSZ56
53.20
56
58.80
200
51.5
60.0
425
0.05
39.2
Note3. Tolerance of +/- 5% on the nominal Zener Voltage
Note4. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current App;ied for PW=1ms
Note5. ZZT and ZZK are measured by dividing the AC Voltage drop across the device by the AC Current Applied
The specified limits are for IZ (AC) =0.1 IZ (DC) with the AC frequency =1KHz
MMSZ4V7_56Rev_1 050506E
Y1
A2
A3
A4
A5
X1
X2
Z1
Z2
Z3
X3
X4
X5
Marking
Z4
Y2
Y3
Y4
Y5
max
Marking
max
Max Reverse
Current
Max Reverse
Current
at IZT1=2mA
(
Ω)
80
VZ1 (V) Notes 3 and 4
at IZT1=2mA
at IZT1=5mA
VZ1 (V) Notes 3 and 4
at
IZT1=5mA
20
(
Ω)
Continental Device India Limited
Data Sheet
Page 2 of 5


Similar Part No. - MMSZ7V5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MMSZ7V5 EIC-MMSZ7V5 Datasheet
114Kb / 3P
   ZENER DIODES
logo
Yea Shin Technology Co....
MMSZ7V5 YEASHIN-MMSZ7V5 Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
PACELEADER INDUSTRIAL
MMSZ7V5 PACELEADER-MMSZ7V5 Datasheet
233Kb / 4P
   SURFACE MOUNT ZENER TYPE
logo
SUNMATE electronic Co.,...
MMSZ7V5 SUNMATE-MMSZ7V5 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ7V5 SUNMATE-MMSZ7V5 Datasheet
596Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ7V5

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
   Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
LBZX84CXXXLT1G LRC-LBZX84CXXXLT1G Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com