Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST04-33F1 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # ST04-33F1
Description  Single Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST04-33F1 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  ST04-33F1 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST04-33F1 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd ST04-33F1 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd ST04-33F1 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
過渡熱抵抗
Transient Thermal Impedance
10
500
100
0.01
0.1
0.00010.001
0.01
0.1
11010
100
Time t〔s〕
θj
θjll
θjl
θja
θja
θja
On glass-epoxy substrate : t=1mm
soldering land :2.0×2.0(mm)
Cu layar :35μm
Tl-sensing point
せん頭サージ逆電流−クランピング電圧
Peak Surge Reverse Current IRSM vs
Clamping Voltage VCL
20
50
45
35
30
25
40
Tl=25℃
10/1000μs
TYP
TYP
Pulse test
IB=1mA
TYP
Pulse test
VR=25V
TYP
Tl=25℃
OSC=1V
VR=25V
TYP
Tl=25℃
OSC=10mV
f =1000kHz
0.1
10
0.01
0.001
Clamping Voltage VCL〔V〕
VBR-Tj特性
Breakdown Voltage vs Junction Temperature
−50 −250
25
50
75
150
125
100
Junction Temperature Tj〔℃〕
30
36
32
38
34
40
-Tj特性
Reverse Current vs Junction Temperature
100
1000
0.1
10
25
75
100
150
125
Junction Temperature Tj〔℃〕
50
せん頭サージ逆電流耐量
Peak Surge Reverse Current
0.01
10
0.1
TYP
exponential wave
10
100
Pulse Width tp〔ms〕
接合容量
Junction Capacitance
0.1
110
25
100
1000
10
IRSM
IRSM/2
tp
0
接合容量
Junction Capacitance
11000
100
10
40
50
60
70
80
90
100
200
20
30
Frequency f〔kHz〕
Reverse Voltage VR〔V〕
ST04-33F1
U1802011.2〉)
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.
Title:diode-A.ec9 Page:43
Date: 2011/02/17 Thu 14:01:45


Similar Part No. - ST04-33F1

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST04-30F1 SHINDENGEN-ST04-30F1 Datasheet
158Kb / 4P
   Single Zener Diode
ST04-36F1 SHINDENGEN-ST04-36F1 Datasheet
191Kb / 4P
   Single Zener Diode
ST04-39F1 SHINDENGEN-ST04-39F1 Datasheet
159Kb / 4P
   Single Zener Diode
More results

Similar Description - ST04-33F1

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST02-280F1 SHINDENGEN-ST02-280F1 Datasheet
159Kb / 4P
   Single Zener Diode
ST04-20F1 SHINDENGEN-ST04-20F1 Datasheet
158Kb / 4P
   Single Zener Diode
ST20-30F2 SHINDENGEN-ST20-30F2 Datasheet
151Kb / 4P
   Single Zener Diode
ST02-200F1 SHINDENGEN-ST02-200F1 Datasheet
159Kb / 4P
   Single Zener Diode
ST04-30F1 SHINDENGEN-ST04-30F1 Datasheet
158Kb / 4P
   Single Zener Diode
ST04-12F1 SHINDENGEN-ST04-12F1 Datasheet
160Kb / 4P
   Single Zener Diode
ST04-36F1 SHINDENGEN-ST04-36F1 Datasheet
191Kb / 4P
   Single Zener Diode
logo
Nexperia B.V. All right...
BZX100A NEXPERIA-BZX100A Datasheet
1Mb / 10P
   Single Zener diode
Rev. 01 - 30 May 2007
logo
NXP Semiconductors
BZX100A NXP-BZX100A Datasheet
192Kb / 10P
   Single Zener diode
Rev. 01-30 May 2007
logo
Shindengen Electric Mfg...
ST20-27F2 SHINDENGEN-ST20-27F2 Datasheet
151Kb / 4P
   Single Zener Diode
ST20-36F2 SHINDENGEN-ST20-36F2 Datasheet
151Kb / 4P
   Single Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com