Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM637327TQ-6 Datasheet(PDF) 6 Page - Etron Technology, Inc.

Part # EM637327TQ-6
Description  1Mega x 32 SGRAM
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM637327TQ-6 Datasheet(HTML) 6 Page - Etron Technology, Inc.

Back Button EM637327TQ-6 Datasheet HTML 2Page - Etron Technology, Inc. EM637327TQ-6 Datasheet HTML 3Page - Etron Technology, Inc. EM637327TQ-6 Datasheet HTML 4Page - Etron Technology, Inc. EM637327TQ-6 Datasheet HTML 5Page - Etron Technology, Inc. EM637327TQ-6 Datasheet HTML 6Page - Etron Technology, Inc. EM637327TQ-6 Datasheet HTML 7Page - Etron Technology, Inc. EM637327TQ-6 Datasheet HTML 8Page - Etron Technology, Inc. EM637327TQ-6 Datasheet HTML 9Page - Etron Technology, Inc. EM637327TQ-6 Datasheet HTML 10Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
EtronTech
1Mega x 32 SGRAM
EM637327
Preliminary
6
August 1999
Commands
1
BankActivate & Masked Write Disable command
(RAS# = "L", CAS# = "H", WE# = "H", DSF = "L", BS = Bank, A0-A10 = Row Address)
The BankActivate command activates the idle bank designated by the BS (Bank Select) signal.
By latching the row address on A0 to A9 at the time of this command, the selected row access is
initiated. The read or write operation in the same bank can occur after a time delay of tRCD(min.)
from the time of bank activation. A subsequent BankActivate command to a different row in the
same bank can only be issued after the previous active row has been precharged (refer to the
following figure). The minimum time interval between successive BankActivate commands to the
same bank is defined by tRC(min.). The SGRAM has two internal banks on the same chip and
shares part of the internal circuitry to reduce chip area; therefore it restricts the back-to-back
activation of both banks. tRRD(min.) specifies the minimum time required between activating
different banks. After this command is used, the Write command and the Block Write command
perform the no mask write operation.
CLK
ADDRESS
T0
T1
T2
T3
Tn+3
Tn+4
Tn+5
Tn+6
..............
C OM M A ND
..............
..............
NOP
NOP
NOP
NOP
RAS# - CAS# delay (tRCD)
RAS# - RAS# delay time (tRRD)
RAS# Cycle time (tRC)
Bank A
Row Addr.
Bank A
Col Addr.
Bank B
Row Addr.
Bank A
Row Addr.
Bank A
Activate
R/W A with
AutoPrecharge
Bank B
Activate
Bank A
Activate
AutoPrecharge
Begin
: "H" or "L"
BankActivate Command Cycle (Burst Length = n, CAS# Latency = 3)
2
BankActivate & Masked Write Enable command (refer to the above figure)
(RAS# = "L", CAS# = "H", WE# = "H", DSF = "H", BS = Bank, A0-A10 = Row Address)
The BankActivate command activates the idle bank designated by BS signal. After this
command is performed, the Write command and the Block Write command perform the masked
write operation. In the masked write and the masked block write functions, the I/O mask data that
was stored in the write mask register is used.
3
BankPrecharge command
(RAS# = "L", CAS# = "H", WE# = "L", DSF = "L", BS = Bank, A8 = "L", A0-A7, A9-A10 = Don't care)
The BankPrecharge command precharges the bank disignated by BS signal. The precharged
bank is switched from the active state to the idle state. This command can be asserted anytime after
tRAS(min.) is satisfied from the BankActivate command in the desired bank. The maximum time any
bank can be active is specified by tRAS(max.). Therefore, the precharge function must be performed
in any active bank within tRAS(max.). At the end of precharge, the precharged bank is still in the idle
state and is ready to be activated again.
4
PrechargeAll command
(RAS# = "L", CAS# = "H", WE# = "L", DSF = "L", BS = Don't care, A8 = "L", A0-A7, A9-A10 = Don't
care)The PrechargeAll command precharges both banks simultaneously and can be issued even if
both banks are not in the active state. Both banks are then switched to the idle state.
5
Read command
(RAS# = "H", CAS# = "L", WE# = "H", DSF = "L", BS = Bank, A8 = "L", A0-A7 = Column Address)
The Read command is used to read a burst of data on consecutive clock cycles from an active
row in an active bank. The bank must be active for at least tRCD(min.) before the Read command is
issued. During read bursts, the valid data-out element from the starting column address will be
available following the CAS# latency after the issue of the Read command. Each subsequent data-
out element will be valid by the next positive clock edge (refer to the following figure). The DQs go


Similar Part No. - EM637327TQ-6

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EM631 ARTESYN-EM631 Datasheet
39Kb / 2P
   Single and dual output 1 to 1.5 Watt Nominal input DC/DC converters
logo
Emerging Memory & Logic...
EM6320FP16AS-10L EMLSI-EM6320FP16AS-10L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-10LF EMLSI-EM6320FP16AS-10LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70L EMLSI-EM6320FP16AS-70L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70LF EMLSI-EM6320FP16AS-70LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM637327TQ-6

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM636327 ETRON-EM636327 Datasheet
1Mb / 78P
   512K x 32 High Speed Synchronous Graphics DRAM(SGRAM)
logo
List of Unclassifed Man...
UG4256G6412FQG0 ETC2-UG4256G6412FQG0 Datasheet
111Kb / 3P
   2M Bytes (256K x 64) SGRAM 144Pin SODIMM based on 256K x 32
logo
OKI electronic componet...
MSM54V24632A OKI-MSM54V24632A Datasheet
401Kb / 29P
   131,072-Word x 32-Bit x 2-Bank SGRAM without Graphics Functions
logo
Etron Technology, Inc.
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165 ETRON-EM636165_06 Datasheet
791Kb / 75P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165 ETRON-EM636165 Datasheet
771Kb / 74P
   1Mega x 16 Synchronous DRAM (SDRAM)
logo
OKI electronic componet...
MS82V16520A OKI-MS82V16520A Datasheet
1Mb / 40P
   262,144-Word 횞 32-Bit 횞 2-Bank SGRAM
logo
Samsung semiconductor
K4G323222A SAMSUNG-K4G323222A Datasheet
1Mb / 49P
   32Mbit SGRAM
logo
OKI electronic componet...
MS82V32520 OKI-MS82V32520 Datasheet
1Mb / 42P
   524,288-Word 횞 32-Bit 횞 2-Bank FIFO-SGRAM
MS82V48540 OKI-MS82V48540 Datasheet
1Mb / 44P
   393,216-Word 횞 32-Bit 횞 4-Bank FIFO-SGRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com