Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM638165TS-10 Datasheet(PDF) 11 Page - Etron Technology, Inc.

Part # EM638165TS-10
Description  4Mega x 16 Synchronous DRAM (SDRAM)
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM638165TS-10 Datasheet(HTML) 11 Page - Etron Technology, Inc.

Back Button EM638165TS-10 Datasheet HTML 7Page - Etron Technology, Inc. EM638165TS-10 Datasheet HTML 8Page - Etron Technology, Inc. EM638165TS-10 Datasheet HTML 9Page - Etron Technology, Inc. EM638165TS-10 Datasheet HTML 10Page - Etron Technology, Inc. EM638165TS-10 Datasheet HTML 11Page - Etron Technology, Inc. EM638165TS-10 Datasheet HTML 12Page - Etron Technology, Inc. EM638165TS-10 Datasheet HTML 13Page - Etron Technology, Inc. EM638165TS-10 Datasheet HTML 14Page - Etron Technology, Inc. EM638165TS-10 Datasheet HTML 15Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
EtronTech
EM638165
Preliminary
11
Rev 0.6
Feb. 2001
RAS#
T0
T 1
T2
T3
T4
T5
T6
T7
T8
T9
T10
CL K
CKE
CS#
CAS#
WE#
A11
A10
A0-A9
DQM
DQ
tCK2
Clock min.
Address Key
tRP
Hi-Z
PrechargeAll
Mode Register
Set Command
Any
Command
Mode Register Set Cycle (CAS# Latency = 2, 3)
The mode register is divided into various fields depending on functionality.
Address BS0,1
A11,10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function RFU*
RFU*
WBL
Test Mode
CAS Latency
BT
Burst Length
*Note: RFU (Reserved for future use) should stay “0” during MRS cycle.
Burst Length Field (A2~A0)
This field specifies the data length of column access using the A2~A0 pins and selects the Burst
Length to be 2, 4, 8, or full page.
A2
A1
A0
Burst Length
0
0
0
1
0
0
1
2
0
1
0
4
0
1
1
8
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Full Page


Similar Part No. - EM638165TS-10

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5IG ETRON-EM638165TS-5IG Datasheet
517Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-6G ETRON-EM638165TS-6G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-6IG ETRON-EM638165TS-6IG Datasheet
517Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-7G ETRON-EM638165TS-7G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
More results

Similar Description - EM638165TS-10

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM639165 ETRON-EM639165_07 Datasheet
1Mb / 73P
   8Mega x 16 Synchronous DRAM (SDRAM)
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165 ETRON-EM636165_06 Datasheet
791Kb / 75P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165 ETRON-EM636165 Datasheet
771Kb / 74P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM63A165 ETRON-EM63A165 Datasheet
1Mb / 73P
   16Mega x 16 Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM6A9160 ETRON-EM6A9160 Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
   16M x 16 bit Synchronous DRAM (SDRAM)
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com