Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR1019-QH Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # XR1019-QH
Description  27.5-33.4 GHz GaAs ReceiverQFN
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XR1019-QH Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  XR1019-QH Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XR1019-QH Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XR1019-QH Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XR1019-QH Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XR1019-QH Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XR1019-QH Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XR1019-QH Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
R1019-QH
Receiver Measurements (cont.)
Page 3 of 7
XR1019-QH: LSB Image Rejection vs. Freq (GHz), Over Temp
Vd1,2,3=3 V; Id1=7.5mA, Id2=30mA, Id3=90mA, Vg4=-3V
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
27
28
29
30
31
32
33
34
RF Freq (GHz) [IF = 1 GHz]
LSB +25C
LSB +85C
LSB -40C
XR1019-QH: USB Image Rejection vs. Freq (GHz), Over Temp
Vd1,2,3=3 V; Id1=7.5mA, Id2=30mA, Id3=90mA, Vg4=-3V
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
27
28
29
30
31
32
33
34
RF Freq (GHz) [IF = 1 GHz]
USB +25C
USB +85C
USB -40C
XR1019-QH: Conv. Gain vs IF Freq (GHz)
Vd1,2,3=3 V; Id1=7.5mA, Id2=30mA, Id3=90mA, Vg4=-3V
0
1
2
3
4
5
6
7
8
9
10
11
12
0
0.5
1
1.5
2
2.5
3
3.5
4
IF Freq (GHz)
IF1
IF2
XR1019-QH: RF and LO Return Loss vs. Freq (GHz)
Vd1,2,3=3 V; Id1=7.5mA, Id2=30mA, Id3=90mA, Vg4=-3V
-30
-25
-20
-15
-10
-5
0
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44
RF Input (GHz) [IF = 1 GHz]
RF Return Loss
LO Return Loss
XR1019-QH: USB Conv. Gain vs Freq (GHz), Varying LO Power
Vd1,2,3=3 V; Id1=7.5mA, Id2=30mA, Id3=90mA, Vg4=-3V
0
2
4
6
8
10
12
14
16
27
28
29
30
31
32
33
34
RF Freq (GHz) [IF = 1 GHz]
PLO = 4 dBm
PLO = 6 dBm
PLO = 8 dBm
XR1019-QH: USB IIP3 vs Freq (GHz), Varying LO Power
Vd1,2,3=3 V; Id1=7.5mA, Id2=30mA, Id3=90mA, Vg4=-3V
-10
-8
-6
-4
-2
0
2
4
27
28
29
30
31
32
33
34
RF Freq (GHz) [IF = 1 GHz]
PLO = 4 dBm
PLO = 6 dBm
PLO = 8 dBm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2011 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2011 - Rev 22-Mar-11
27.5-33.4 GHz GaAs Receiver
QFN, 4x4mm


Similar Part No. - XR1019-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1019-QH MIMIX-XR1019-QH Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
XR1019-QH MIMIX-XR1019-QH Datasheet
897Kb / 7P
   27.5-33.4 GHz GaAs Receiver
XR1019-QH-0G00 MIMIX-XR1019-QH-0G00 Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
XR1019-QH-0G0T MIMIX-XR1019-QH-0G0T Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
XR1019-QH-EV1 MIMIX-XR1019-QH-EV1 Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
More results

Similar Description - XR1019-QH

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XR1019-QH MA-COM-XR1019-QH_15 Datasheet
897Kb / 7P
   27.5-33.4 GHz GaAs ReceiverQFN
logo
Mimix Broadband
XR1019-QH MIMIX-XR1019-QH_11 Datasheet
897Kb / 7P
   27.5-33.4 GHz GaAs Receiver
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_15 Datasheet
843Kb / 7P
   GHz GaAs ReceiverQFN
XR1011-QH MA-COM-XR1011-QH Datasheet
843Kb / 7P
   4.5-10.5 GHz GaAs ReceiverQFN
logo
Qorvo, Inc
QPF4010 QORVO-QPF4010 Datasheet
2Mb / 23P
   24.25 ??27.5 GHz Front End Module
logo
Transcom, Inc.
TA050-062-45-27 TRANSCOM-TA050-062-45-27 Datasheet
17Kb / 1P
   5 - 6.2 GHz 27.5 dBm Amplifier
logo
TriQuint Semiconductor
TGA1135B TRIQUINT-TGA1135B Datasheet
1Mb / 8P
   18-27.5 GHz 1W Power Amplifier
logo
Microchip Technology
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
   27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
   27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
Qorvo, Inc
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
   27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com