Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23Z109SM Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # 23Z109SM
Description  Reduces radiated EMI emissions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

23Z109SM Datasheet(HTML) 6 Page - Pulse A Technitrol Company

Back Button 23Z109SM Datasheet HTML 2Page - Pulse A Technitrol Company 23Z109SM Datasheet HTML 3Page - Pulse A Technitrol Company 23Z109SM Datasheet HTML 4Page - Pulse A Technitrol Company 23Z109SM Datasheet HTML 5Page - Pulse A Technitrol Company 23Z109SM Datasheet HTML 6Page - Pulse A Technitrol Company 23Z109SM Datasheet HTML 7Page - Pulse A Technitrol Company 23Z109SM Datasheet HTML 8Page - Pulse A Technitrol Company 23Z109SM Datasheet HTML 9Page - Pulse A Technitrol Company 23Z109SM Datasheet HTML 10Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
.190
4,83
.340
8,64
.075
1,90
1.50
3,81
.050
1,27
.030
0,76
MAX
.240
6,10
.290
7,37
MAX
Date Code
Rev
Country of Origin
T8055
MAX
.150
3,81
8X .035
0,89
8 SURFACES
.004 / 0,10
TYP
.050
1,27
8 Surfaces
.004/0,10
.345
8,76 MAX
.285
7,24
.100
2,54
8
5
1
4
B4003
Date Code
Country of Origin
MAX
.300
7,62
SUGGESTED PAD LAYOUT
MAX
.355
9,02
.300
7,62
.100
2,54
.270
6,86
.070
1.78
.050
1,27
T8008
DATE CODE
COUNTRY OF ORIGIN
1.125 MAX
28,58
.640 MAX
16,26
.950
24,13
40X .018
0,46
19X .050
1,27
40X .090
2,29
40X .030
0,77
.480
12,19
.050
1,27
19X .050 = .950
1,27
24,13
.004/0,10
40 Surfaces
.010
0,25
0° – 8°
40X .045
1,14
.230 MAX
5,84
.485
12,32
.360
9,14
0°-8°
T8003
Date Code Country of Origin
.450
11,43
.300
7,62
.020
MIN
0,51
TYP
.100
2,54
.210
5,335
.215
5,46
.004/0,10
8 Surfaces
.018
TYP
0,46
3 X
.265
6,73
.100
2,54
.340
8,64
.045
1,14
.300
7,62
.075
1,90
NOTE: The common mode test circuit for surface mount is the same as for through hole and is on the back page.
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . . 0.84 grams
Tape & Reel . . . . . . . 750/reel
Tube . . . . . . . . . . . . . 100/tube
Weight . . . . . . . . . . 0.2 grams
Tape & Reel . . . . . . 1750/reel
Tube . . . . . . . . . . . . . . 80/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . . . 4.0 grams
Tape & Reel . . . . . . . 250/reel
Tube . . . . . . . . . . . . . . 15/tube
Weight . . . . . . . . . . 1.0 grams
Tape & Reel . . . . . . . 425/reel
Tube . . . . . . . . . . . . . . 50/tube
T8003
1
8
2
7
3
6
4
5
T8055
3
6
4
5
1
8
2
7
B4003
4
1
5
8
T8008
1
40
2
39
3
38
5
36
6
35
7
34
8
33
31
10
30
29
11
12
28
26
13
15
25
24
16
17
23
21
18
20
T8003
T8055
B4003
T8008
SURFACE MOUNT
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
www.pulseeng.com
6
G002.K (5/09)
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
Mechanical
Schematic


Similar Part No. - 23Z109SM

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
23Z109SM PULSE-23Z109SM Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
23Z109SM PULSE-23Z109SM Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
23Z109SM PULSE-23Z109SM Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
23Z109SM PULSE-23Z109SM Datasheet
404Kb / 12P
   COMMON MODE CHOKE CATALOG
23Z109SM PULSE-23Z109SM Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
More results

Similar Description - 23Z109SM

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624NLT PULSE-PE-68624NLT Datasheet
1Mb / 3P
   Reduces radiated EMI emissions
logo
Lowpower Semiconductor ...
LPA8302 POWER-LPA8302 Datasheet
856Kb / 14P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2150 POWER-LPA2150 Datasheet
834Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2104 POWER-LPA2104 Datasheet
782Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
logo
Analog Devices
AN-0971 AD-AN-0971 Datasheet
439Kb / 20P
   Recommendations for Control of Radiated Emissions with isoPower Devices
REV. B
AN-1109 AD-AN-1109 Datasheet
645Kb / 20P
   Recommendations for Control of Radiated Emissions with iCoupler Devices
REV. 0
logo
Maxim Integrated Produc...
MAX98304EVKIT MAXIM-MAX98304EVKIT Datasheet
600Kb / 6P
   Filterless Operation Passes Radiated Emissions with 60cm of Speaker Cable
19-5609; Rev 0; 10/10
logo
Cypress Semiconductor
CYIFS731 CYPRESS-CYIFS731 Datasheet
2Mb / 20P
   Reduces Systemic EMI
logo
Fairchild Semiconductor
AN-5020 FAIRCHILD-AN-5020 Datasheet
260Kb / 3P
   LVDS Reduces EMI
logo
Cypress Semiconductor
CYIFS741 CYPRESS-CYIFS741 Datasheet
1Mb / 19P
   Reduces Systemic EMI.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com