Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-68002 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # PE-68002
Description  Reduces radiated EMI emissions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68002 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  PE-68002 Datasheet HTML 1Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 2Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 3Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 4Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 5Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 6Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 7Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 8Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
.018
TYP
0,46
23Z87SM
Date Code
Country of Origin
Fil-Mag
.230
5,84
.100
2,54
.050
TYP
1,27
.265
6,73
.005/.010
0,13/0,25
0°-8°
.360
9,14
.020
MIN
0,51
.215
5,46
.100
2,54
.050
1,27
.260
6,60
.400
10,16
.080
2,03
.030
0,76
SUGGESTED PAD LAYOUT
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Weight . . . . . . . . . . 0.5 grams
Tape & Reel . . . . . . . 750/reel
Tube . . . . . . . . . . . . . 100/tube
23Z87SM
Weight . . . . . . . . . . 0.3 grams
Tape & Reel . . . . . . 1500/reel
Tube . . . . . . . . . . . . . . 55/tube
.300
7,62
.120
3,05
.640
16,30
.400
10,20
.100 TYP
2,54
.050 TYP
1,27
.010 / .020
0,25 / 0,51
.340 MAX
8,64
.475 MAX
12,1
.085
2,16
.100
2,54
.004/0,100
8 Surfaces
.040 / .050
1,01 / 1,27
85
14
.600 MAX
15,30
.475 MAX
12,10
.400
10,20
.030
0,76
PE-6XXXX
DATA CODE
COUNTRY OF ORIGIN
Weight . . . . . . . . . . . . . . 2.0 grams
Tape & Reel . . . . . . . . . . . 250/reel
Tube . . . . . . . . . . . . . . . . . .40/tube
3
6
4
5
1
8
2
7
PE-65857
14
23
PE-65855
3
6
4
5
1
8
2
7
PE-67540
PE-65857, PE-67540
PE-68627
8
5
1
4
DATE CODE
COUNTRY OF
ORIGIN
.345
8,76
MAX
.285
7,24
.100
2,54
SUGGESTED PAD LAYOUT
.300
7,62
.100
2,54
.270
6,86
.070
1.78
.050
1,27
MAX
.355
9,02
.207
5,26
MAX
.004/0,100
8 Surfaces
PE-68627
3
6
4
5
1
8
2
7
PE-68627
1 23
65 4
23Z87SM
Weight . . . . . . . . . 0.69 grams
Tape & Reel . . . . . . . 800/reel
Tube . . . . . . . . . . . . . 40 /tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
PE-65855
SURFACE MOUNT
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
www.pulseeng.com
4
G002.K (5/09)
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
Mechanical
Schematic


Similar Part No. - PE-68002

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68002 PULSE-PE-68002 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
PE-68002 PULSE-PE-68002 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68002 PULSE-PE-68002 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
More results

Similar Description - PE-68002

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624NLT PULSE-PE-68624NLT Datasheet
1Mb / 3P
   Reduces radiated EMI emissions
logo
Lowpower Semiconductor ...
LPA8302 POWER-LPA8302 Datasheet
856Kb / 14P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2150 POWER-LPA2150 Datasheet
834Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2104 POWER-LPA2104 Datasheet
782Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
logo
Analog Devices
AN-0971 AD-AN-0971 Datasheet
439Kb / 20P
   Recommendations for Control of Radiated Emissions with isoPower Devices
REV. B
AN-1109 AD-AN-1109 Datasheet
645Kb / 20P
   Recommendations for Control of Radiated Emissions with iCoupler Devices
REV. 0
logo
Maxim Integrated Produc...
MAX98304EVKIT MAXIM-MAX98304EVKIT Datasheet
600Kb / 6P
   Filterless Operation Passes Radiated Emissions with 60cm of Speaker Cable
19-5609; Rev 0; 10/10
logo
Cypress Semiconductor
CYIFS731 CYPRESS-CYIFS731 Datasheet
2Mb / 20P
   Reduces Systemic EMI
logo
Fairchild Semiconductor
AN-5020 FAIRCHILD-AN-5020 Datasheet
260Kb / 3P
   LVDS Reduces EMI
logo
Cypress Semiconductor
CYIFS741 CYPRESS-CYIFS741 Datasheet
1Mb / 19P
   Reduces Systemic EMI.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com