Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6A9320BI-4 Datasheet(PDF) 4 Page - Etron Technology, Inc.

Part # EM6A9320BI-4
Description  4M x 32 DDR SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6A9320BI-4 Datasheet(HTML) 4 Page - Etron Technology, Inc.

  EM6A9320BI-4 Datasheet HTML 1Page - Etron Technology, Inc. EM6A9320BI-4 Datasheet HTML 2Page - Etron Technology, Inc. EM6A9320BI-4 Datasheet HTML 3Page - Etron Technology, Inc. EM6A9320BI-4 Datasheet HTML 4Page - Etron Technology, Inc. EM6A9320BI-4 Datasheet HTML 5Page - Etron Technology, Inc. EM6A9320BI-4 Datasheet HTML 6Page - Etron Technology, Inc. EM6A9320BI-4 Datasheet HTML 7Page - Etron Technology, Inc. EM6A9320BI-4 Datasheet HTML 8Page - Etron Technology, Inc. EM6A9320BI-4 Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Et r onT ech
4Mx32 DDR SDRAM
EM6A9320
Etron Confidential
4
Rev 0.3
July. 2002
Pin Descriptions
Table 1. Pin Details of EM6A9320
Symbol
Type
Description
CK, CK#
Input
Differential Clock: CK, CK# are driven by the system clock. All SDRAM input
commands are sampled on the positive edge of CK. Both CK and CK# increment the
internal burst counter and controls the output registers.
CKE
Input
Clock Enable: CKE activates (HIGH) and deactivates (LOW) the CK signal. If CKE
goes low synchronously with clock, the internal clock is suspended from the next clock
cycle and the state of output and burst address is frozen as long as the CKE remains
low. When all banks are in the idle state, deactivating the clock controls the entry to
the Power Down and Self Refresh modes.
BA0, BA1
Input
Bank Select: BA0 and BA1 defines to which bank the BankActivate, Read, Write, or
BankPrecharge command is being applied. They also define which Mode Register or
Extended Mode Register is loaded during a Mode Register Set command.
A0-A11
Input
Address Inputs: A0-A11 are sampled during the Bank Activate command (row
address A0-A11) and Read/Write command (column address A0-A7 with A8 defining
Auto Precharge) to select one location out of the 256K available in the respective
bank. During a Precharge command, A8 is sampled to determine if all banks are to be
precharged (A8 = HIGH). The address inputs also provide the op-code during a Mode
Register Set or Extended Mode Register Set command.
CS#
Input
Chip Select: CS# enables (sampled LOW) and disables (sampled HIGH) the
command decoder. All commands are masked when CS# is sampled HIGH. CS#
provides for external bank selection on systems with multiple banks. It is considered
part of the command code.
RAS#
Input
Row Address Strobe: The RAS# signal defines the operation commands in
conjunction with the CAS# and WE# signals and is latched at the positive edges of
CK. When RAS# and CS# are asserted "LOW" and CAS# is asserted "HIGH" either
the BankActivate command or the Precharge command is selected by the WE# signal.
When the WE# is asserted "HIGH," the BankActivate command is selected and the
bank designated by BS is turned on to the active state. When the WE# is asserted
"LOW," the Precharge command is selected and the bank designated by BS is
switched to the idle state after the precharge operation.
CAS#
Input
Column Address Strobe: The CAS# signal defines the operation commands in
conjunction with the RAS# and WE# signals and is latched at the positive edges of
CK. When RAS# is held "HIGH" and CS# is asserted "LOW" the column access is
started by asserting CAS# "LOW" Then, the Read or Write command is selected by
asserting WE# "HIGH " or “LOW".
WE#
Input
Write Enable: The WE# signal defines the operation commands in conjunction with
the RAS# and CAS# signals and is latched at the positive edges of CK. The WE#
input is used to select the BankActivate or Precharge command and Read or Write
command.
DQS0-DQS3
Input /
Output
Bidirectional Data Strobe: The DQSx signals are mapped to the following data
bytes: DQS0 to DQ0-DQ7, DQS1 to DQ8-DQ15, DQS2 to DQ16-DQ23, DQS3 to
DQ24-DQ31.
DM0 - DM3
Input
Data Input Mask: DM0-DM3 are byte specific. Input data is masked when DM is
sampled HIGH during a write cycle. DM3 masks DQ31-DQ24, DM2 masks DQ23-
DQ16, DM1 masks DQ15-DQ8, and DM0 masks DQ7-DQ0.
DQ0 - DQ31
Input /
Output
Data I/O: The DQ0-DQ31 input and output data are synchronized with the positive
edges of CK and CK#. The I/Os are byte-maskable during Writes.
VDD
Supply
3RZHU 6XSSO\ 3RZHU IRU WKH LQSXW EXIIHUV DQG FRUH ORJLF


Similar Part No. - EM6A9320BI-4

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320BI-4 ETRON-EM6A9320BI-4 Datasheet
363Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320BI-4M ETRON-EM6A9320BI-4M Datasheet
353Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320BI-4MG ETRON-EM6A9320BI-4MG Datasheet
353Kb / 17P
   4M x 32 DDR SDRAM
More results

Similar Description - EM6A9320BI-4

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320BI ETRON-EM6A9320BI Datasheet
353Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320 ETRON-EM6A9320_06 Datasheet
363Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
logo
Elpida Memory
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
logo
White Electronic Design...
WED9LAPC2B16P8BC WEDC-WED9LAPC2B16P8BC Datasheet
693Kb / 21P
   4M x 32 SDRAM / 2M x 8 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com