Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMM181VSN271MP25T Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EKMM181VSN271MP25T
Description  PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EKMM181VSN271MP25T Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EKMM181VSN271MP25T Datasheet HTML 4Page - List of Unclassifed Manufacturers EKMM181VSN271MP25T Datasheet HTML 5Page - List of Unclassifed Manufacturers EKMM181VSN271MP25T Datasheet HTML 6Page - List of Unclassifed Manufacturers EKMM181VSN271MP25T Datasheet HTML 7Page - List of Unclassifed Manufacturers EKMM181VSN271MP25T Datasheet HTML 8Page - List of Unclassifed Manufacturers EKMM181VSN271MP25T Datasheet HTML 9Page - List of Unclassifed Manufacturers EKMM181VSN271MP25T Datasheet HTML 10Page - List of Unclassifed Manufacturers EKMM181VSN271MP25T Datasheet HTML 11Page - List of Unclassifed Manufacturers EKMM181VSN271MP25T Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
315 Volts
365 Volts Surge
250 Volts
300 Volts Surge
220 Volts
275 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
8/12
KMM Series
100
EKMM251VSN101MN20T
20
20
N20
2.486
0.51
120
EKMM251VSN121MN25T
20
25
N25
2.072
0.58
150
EKMM251VSN151MN25T
20
25
N25
1.658
0.79
180
EKMM251VSN181MN30T
20
30
N30
1.381
0.9
220
EKMM251VSN221MN30T
20
30
N30
1.13
1.0
270
EKMM251VSN271MN35T
20
35
N35
0.921
1.1
330
EKMM251VSN331MN40T
20
40
N40
0.753
1.2
390
EKMM251VSN391MN50T
20
50
N50
0.638
1.45
120
EKMM251VSN121MP20T
22
20
P20
2.072
0.6
180
EKMM251VSN181MP25T
22
25
P25
1.381
0.78
220
EKMM251VSN221MP30T
22
30
P30
1.13
1.0
270
EKMM251VSN271MP30T
22
30
P30
0.921
1.18
330
EKMM251VSN331MP35T
22
35
P35
0.753
1.3
390
EKMM251VSN391MP40T
22
40
P40
0.638
1.49
470
EKMM251VSN471MP45T
22
45
P45
0.529
1.65
560
EKMM251VSN561MP50T
22
50
P50
0.444
1.67
150
EKMM251VSN151MQ20T
25.4
20
Q20
1.658
0.74
180
EKMM251VSN181MQ20T
25.4
20
Q20
1.381
0.75
220
EKMM251VSN221MQ25T
25.4
25
Q25
1.13
0.95
270
EKMM251VSN271MQ25T
25.4
25
Q25
0.921
1.18
330
EKMM251VSN331MQ30T
25.4
30
Q30
0.753
1.3
390
EKMM251VSN391MQ35T
25.4
35
Q35
0.638
1.49
470
EKMM251VSN471MQ35T
25.4
35
Q35
0.529
1.65
560
EKMM251VSN561MQ40T
25.4
40
Q40
0.444
1.8
680
EKMM251VSN681MQ50T
25.4
50
Q50
0.366
2.0
820
EKMM251VSN821MQ60T
25.4
60
Q60
0.303
2.2
220
EKMM251VSN221MR20T
30
20
R20
1.13
0.95
270
EKMM251VSN271MR20T
30
20
R20
0.921
1.0
330
EKMM251VSN331MR25T
30
25
R25
0.753
1.3
390
EKMM251VSN391MR25T
30
25
R25
0.638
1.49
470
EKMM251VSN471MR30T
30
30
R30
0.529
1.65
560
EKMM251VSN561MR30T
30
30
R30
0.444
1.8
680
EKMM251VSN681MR35T
30
35
R35
0.366
2.0
820
EKMM251VSN821MR40T
30
40
R40
0.303
2.3
1,000
EKMM251VSN102MR50T
30
50
R50
0.249
2.47
1,200
EKMM251VSN122MR60T
30
60
R60
0.207
2.85
330
EKMM251VSN331MA20T
35
20
A20
0.753
1.16
470
EKMM251VSN471MA25T
35
25
A25
0.529
1.65
560
EKMM251VSN561MA25T
35
25
A25
0.444
1.8
680
EKMM251VSN681MA30T
35
30
A30
0.366
2.0
820
EKMM251VSN821MA35T
35
35
A35
0.303
2.3
1,000
EKMM251VSN102MA40T
35
40
A40
0.249
2.47
1,200
EKMM251VSN122MA45T
35
45
A45
0.207
2.6
1,500
EKMM251VSN152MA50T
35
50
A50
0.166
3.0
1,800
EKMM251VSN182MA60T
35
60
A60
0.138
3.42
Engineering Bulletin Mar 07
560
EKMM221VSN561MA25T
35
25
A25
0.444
1.71
680
EKMM221VSN681MA25T
35
25
A25
0.366
1.89
820
EKMM221VSN821MA30T
35
30
A30
0.303
2.16
1,000
EKMM221VSN102MA35T
35
35
A35
0.249
2.44
1,200
EKMM221VSN122MA40T
35
40
A40
0.207
2.79
1,500
EKMM221VSN152MA45T
35
45
A45
0.166
3.22
1,800
EKMM221VSN182MA50T
35
50
A50
0.138
3.63
2,200
EKMM221VSN222MA60T
35
60
A60
0.113
4.23
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
56
EKMM3B1VSN560MN20T
20
20
N20
4.44
0.38
68
EKMM3B1VSN680MN25T
20
25
N25
3.656
0.47
82
EKMM3B1VSN820MN25T
20
25
N25
3.032
0.64
100
EKMM3B1VSN101MN30T
20
30
N30
2.486
0.69
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMM181VSN271MP25T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM181VSN271MP25S CHEMI-CON-EKMM181VSN271MP25S Datasheet
98Kb / 5P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMM181VSN271MP25T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH500VSN332MP35T CHEMI-CON-EKMH500VSN332MP35T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
TDK Electronics
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
Cornell Dubilier Electr...
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
logo
Microchip Technology
DM164120-4 MICROCHIP-DM164120-4 Datasheet
250Kb / 1P
   DM164120-4 - PICkit 2 18-Pin Demo Board
logo
CAMBION Electronic Comp...
702-3719 CAMBION-702-3719 Datasheet
27Kb / 1P
   Component Mounting Board, 4 pin
logo
PHOENIX CONTACT
1879133 PHOENIX-1879133 Datasheet
51Kb / 3P
   Base strip - PC 4/ 4-G-7,62 PIN 9,58
logo
Tripp Lite. All Rights ...
P945-06I TRIPPLITE-P945-06I Datasheet
155Kb / 2P
   15-Pin SATA (Male) to 4-Pin (Female) / 4-Pin (Male) Power Cable - 6 in.
logo
SparkFun Electronics
PRT-10362 SPARKFUN-PRT-10362 Datasheet
81Kb / 1P
   Jumper Wire - 0.1, 2-pin, 4
10????8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com