Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C10806B Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C10806B
Description  1.8V/2.5V/3.3V, 100MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C10806B Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C10806B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C10806B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C10806B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C10806B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C10806B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C10806B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C10806B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C10806B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C10806B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
PS9038C
06/29/10
PI6C10806B
1.8V/2.5V/3.3V, 100MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
Storage Temperature...........................................................–65°C to +150°C
VDD, VDDO Voltage...............................................................–0.5V to +3.6V
Output Voltage (max. 3.6V) .......................................... –0.5V to VDD+0.5V
Input Voltage (max 3.6V).............................................. –0.5V to VDD+0.5V
2.5V Absolute Maximum Ratings (Above which the useful life may be impaired. For user guidelines only, not tested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
2.5V I/O DC Characteristics (Over Operating Range: VDD = 2.5V ± 5%, TA = -40° to 85°C)
Parameters
Description
Test Conditions(1)
Min.
Typ. (2)
Max.
Units
VDDO
I/O Supply Voltage
2.375
2.5
2.625
VIH
Input HIGH Voltage
Logic HIGH level
1.7
VDD+0.3
V
VIL
Input LOW Voltage
Logic LOW level
-0.3
0.7
VOH
Output High Voltage
VDDO = Min., VIN = VIH or VIL
IOH = -1mA
2
V
IOH = -8mA
2
VOL
Output LOW Voltage
VDDO = Min., VIN = VIH or VIL
IOL = 1mA
0.4
IOL = 8mA
0.4
Notes:
1. For Max. or Min. conditions, use appropriate operating range values.
2. Typical values are at VDD =3.3V, +25°C ambient and maximum loading.
2.5V I/O AC Characteristics (Over Operating Range: VDD/VDDO = 2.5V ± 5%, TA = -40° to 85°C)
Parameters
Description
Test Conditions(1)
Min.
Typ
Max.
Units
fOUT
Output Frequency
Using Crystal
10
50
MHz
External Clock(2)
0
100
tDC
Output Duty Cycle
@ VDDO/2
47
55
%
tR/tF
CLKn Rise/Fall Time
20% to 80%
150
800
ps
RMS
Random RMS Phase Jitter
25MHz @ Integration
Range
100Hz - 1MHz
0.112
ps
tSK(O)(3)
Output to Output Skew between any two
outputs of the same device @ same transition
@VDDO/2
80
ps
tDIS,tEN( 4)
Output Enable/Disable
@VDDO/2
4
cycles
Notes:
1. Unless noted otherwise, all parameters are tested with xtal @ f <= Fxtal_max,; outputs are terminated @ 50Ω to
VDDO/2, see waveforms.
2. External clock source is driving XTAL_IN input
3. Identical conditions: loading, transitions, supply voltage, temperature, package type and speed grade.
4. These parameters are guaranteed, but not tested. Max delay is 4 cycles. Min. setup time = 3ns.
10-0151


Similar Part No. - PI6C10806B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C10806 PERICOM-PI6C10806 Datasheet
445Kb / 7P
   1.8V/2.5V, 250MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
More results

Similar Description - PI6C10806B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C10806 PERICOM-PI6C10806 Datasheet
445Kb / 7P
   1.8V/2.5V, 250MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
   Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8536-01 RENESAS-ICS8536-01 Datasheet
469Kb / 22P
   Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
2019
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
logo
Integrated Device Techn...
ICS8536-02 IDT-ICS8536-02 Datasheet
884Kb / 17P
   Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL Fanout Buffer
ICS8536AG IDT-ICS8536AG Datasheet
176Kb / 21P
   Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C_16 Datasheet
330Kb / 12P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
March, 2016 ??Rev. 2
NB3H83905C ONSEMI-NB3H83905C Datasheet
206Kb / 15P
   1.8V/2.5V/3.3V Crystal Input to 1 6 LVTTL/LVCMOS Clock Fanout Buffer with OE
November, 2012 ??Rev. 9
logo
Integrated Device Techn...
ICS8536I-33 IDT-ICS8536I-33 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-6, CRYSTAL OSCILLATOR/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
8536I-33 RENESAS-8536I-33 Datasheet
575Kb / 20P
   Low Skew, 1-to-6, Crystal Oscillator/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
7/10/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com