Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMM221VSN271MR20T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EKMM221VSN271MR20T
Description  PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EKMM221VSN271MR20T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EKMM221VSN271MR20T Datasheet HTML 1Page - List of Unclassifed Manufacturers EKMM221VSN271MR20T Datasheet HTML 2Page - List of Unclassifed Manufacturers EKMM221VSN271MR20T Datasheet HTML 3Page - List of Unclassifed Manufacturers EKMM221VSN271MR20T Datasheet HTML 4Page - List of Unclassifed Manufacturers EKMM221VSN271MR20T Datasheet HTML 5Page - List of Unclassifed Manufacturers EKMM221VSN271MR20T Datasheet HTML 6Page - List of Unclassifed Manufacturers EKMM221VSN271MR20T Datasheet HTML 7Page - List of Unclassifed Manufacturers EKMM221VSN271MR20T Datasheet HTML 8Page - List of Unclassifed Manufacturers EKMM221VSN271MR20T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
KMM Series
The KMM series is a high voltage, long life snap-in capacitor series that offers downsized versions
of the KMH series. The KMM capacitors have smaller case sizes and an extended rated lifetime
compared to the KMH capacitors. These characteristics plus high ripple current capability make
the KMM capacitors ideal for use in power supply filter circuits. The KMM capacitors are available
in 2 or 4-pin snap-in styles and 4 -pin straight terminals. The KMM series capacitors are RoHS
compliant offering Pb-free construction.
The standard KMM series capacitors are not solvent proof. Refer to guidelines and precautions on
the website for usage and installation conditions recommended for United Chemi-Con products.
Snap Mount
Downsize
High Voltage
High Ripple
RoHS
Compliant
105 C
Maximum
Temperature
PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
Capacitance range: 39 to 3,300µF.
Voltage range: 160 to 450VDC.
Category temperature range:
25 Cto
105 C.
Leakage current: 3 CV (µA) maximum after 5 minutes at
20 C.
Standard capacitance tolerance:
20%
Nominal case size (D
L): 20
20mm to 35
60mm.
Rated lifetime: 2,000 to 3,000 hours at
105 C with the rated ripple current applied,
depending on case size.
Summary of Specifications
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/ 12
KMM SERIES
Engineering Bulletin Mar 07


Similar Part No. - EKMM221VSN271MR20T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM221VSN271MR20T CHEMI-CON-EKMM221VSN271MR20T Datasheet
141Kb / 12P
   Standard Voltage Ratings - Snap Mount
More results

Similar Description - EKMM221VSN271MR20T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH500VSN332MP35T CHEMI-CON-EKMH500VSN332MP35T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
TDK Electronics
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
Cornell Dubilier Electr...
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
logo
Microchip Technology
DM164120-4 MICROCHIP-DM164120-4 Datasheet
250Kb / 1P
   DM164120-4 - PICkit 2 18-Pin Demo Board
logo
CAMBION Electronic Comp...
702-3719 CAMBION-702-3719 Datasheet
27Kb / 1P
   Component Mounting Board, 4 pin
logo
PHOENIX CONTACT
1879133 PHOENIX-1879133 Datasheet
51Kb / 3P
   Base strip - PC 4/ 4-G-7,62 PIN 9,58
logo
Tripp Lite. All Rights ...
P945-06I TRIPPLITE-P945-06I Datasheet
155Kb / 2P
   15-Pin SATA (Male) to 4-Pin (Female) / 4-Pin (Male) Power Cable - 6 in.
logo
SparkFun Electronics
PRT-10362 SPARKFUN-PRT-10362 Datasheet
81Kb / 1P
   Jumper Wire - 0.1, 2-pin, 4
10????8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com