Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX1264NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # TX1264NL
Description  T1/E1/CEPT/ISDN-PRI TRANSFORMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TX1264NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  TX1264NL Datasheet HTML 1Page - Pulse A Technitrol Company TX1264NL Datasheet HTML 2Page - Pulse A Technitrol Company TX1264NL Datasheet HTML 3Page - Pulse A Technitrol Company TX1264NL Datasheet HTML 4Page - Pulse A Technitrol Company TX1264NL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.pulseeng.com
2
T622.J (11/09)
Notes from Electrical Specifications Table
A. OCL (primary inductance) is measured at the primary winding. Turns ratio is
specified primary: secondary. (CT = Center Tap).
B. To make a 1CT:1 ratio from a 1CT:2CT ratio, use only one-half of the secondary
(2CT) winding.
C. It is possible to use the same transformer model for the three impedance levels
of T1 (100 W) and CEPT (75
Ω & 120 Ω). For specific connection information and
resistor values, refer to IC vendor’s data book.
D. Dual Ratio Transformer (T1071NL and T1145NL) — These transformers have
tapped secondary windings to provide two turns ratios (T/R). Use the entire
primary winding and connect the secondary pins listed below to obtain desired
turns ratio:
Part
Number
Turns
Ratio 1
Secondary
Pins
Turns
Ratio 2
Secondary
Pins
1:1
40-39
1:1.26
40-38
T1071NL
1:1
35-34
1:1.26
35-33
1:1
30-29
1:1.26
30-28
1:1
25-24
1:1.26
25-23
1:2
40-39
1:2.4
40-38
T1145NL
1:2
33-32
1:2.4
33-31
1:2
30-29
1:2.4
30-28
1:2
23-22
1:2.4
23-21
E. Standard packaging for the surface mount package is anti-static tubes. Optional
Tape & Reel packaging can be ordered by adding a “T” suffix to the part
number, (i.e. T1063NLT).
F. Extended Temperature Range Models — For extended temperature range
transformers (-40°C to +85°C operating temperature range), OCL (Open Circuit
Inductance) for the primary winding) is specified at both -40°C and +25°C. At
-40°C, OCL is 600 µH minimum. All other parameters are specified at +25°C
only. Standard temperature range is 0°C to +70°C
Transformer Selection Guide
IC Mfr.
IC Part Number
Comments
Octal SMT
STD Temp
EXT Temp
Mindspeed
BT8510
T1/E1
T1071NL
(Conexant)
BT8510
T1/E1
T1071NL
CN8380
T1124NL
T1114NL
Cirrus Logic
61318
120 E1
T1068NL
T1108NL
(Crystal)
61577
T1 & E1
T1065NL
T1105NL
61304A/5A/535A/574A,/75
75 E1
T1068NL
T1108NL
61304A/5A/535A/574A,/75
120 E1
T1071NL
61582, 61583
T1064NL
61310, 61581
T1068NL
T1108NL
61584/84A
IQ3
T1065NL
T1105NL
61584/82/83/A
IQ5
T1064NL
Maxim
DS2196
T1068NL
T1108NL
(Dallas)
DS2148/Q48
3V
T1068NL
T1108NL
DS21352/Q352,DS21354/Q354
T1068NL
T1108NL
Exar
T5683A, 59L91
T1065NL
T1105NL
T5894,T5897,T5997
T1065NL
T1105NL
T5791/93/94/95
T1071NL
83L30/34/38
T1065NL
T1105NL
Infineon
PEB 22504
3.3V
T1142NL
T1231NL
Technologies
PEB22554
3.3V
T1142NL
T1231NL
(Siemens)
PEB2256 3.3 V
E1/T1/J1
T1142NL
T1231NL
Intel
LXT 300/301
T1065NL
T1105NL
(Level One)
LXT 304/305/307
T1,E1
T1065NL
T1105NL
LXT 304/305/307
75 E1,120E1
T1071NL
LXT 310/317/318
T1068NL
T1108NL
LXT 331
T1,E1
T1068NL
T1108NL
LXT 331, LXT 332
T1065NL
T1105NL
LXT 334, LXT 335
T1/E1
T1065NL
T1105NL
LXT 334, LXT 335
75 E1
T1071NL
LXT 336
T1065NL
T1105NL
LXT 350, LXT 351, LXT 359
T1,E1
T1068NL
T1108NL
LXT 360/361/362/363
T1,E1
T1068NL
T1108NL
LXT 380/381/384/386/388
T1/E1
T1068NL
T1108NL
LXT 380/381/384/386/388
T1/E1
T1124NL
T1114NL
LXT 3104, LXT 3108
T1068NL
T1108NL
Lucent
T7688, T7690, T7698
CEPT
T1063NL
Technologies
T7689, T7690, T7698
DS1
T1064NL
TLIU04C1
DS1
T1064NL
TLIU04C1
CEPT
T1063NL
Zarlink
MT9076, MT9075
T1142NL
T1231NL
(Mitel)
MT9074, MT9075
T1068NL
T1108NL
PMC Sierra
PM4318
T1065NL
T1105NL
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
Quad Port T1/E1 with 8 Transformers, 1500 Vrms
TOU
Schematics
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 62787060 • China 86 755 33966678 • Taiwan 886 3 4643715


Similar Part No. - TX1264NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TX1264NL PULSE-TX1264NL Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1264NL PULSE-TX1264NL Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1264NL PULSE-TX1264NL Datasheet
154Kb / 8P
   TRANSFORMERS
TX1264NL PULSE-TX1264NL Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
More results

Similar Description - TX1264NL

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S1076 BOTHHAND-S1076 Datasheet
92Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Pulse A Technitrol Comp...
T1064NL PULSE-T1064NL Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1068NLT PULSE-T1068NLT Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1108NLT PULSE-T1108NLT Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1281 PULSE-TX1281 Datasheet
507Kb / 1P
   T1/E1/CEPT/ISDN-PRI SMT TRANSFORMERS
TX1314NL PULSE-TX1314NL Datasheet
413Kb / 1P
   T1/E1/CEPT/ISDN-PRI SMT Transformers
logo
Nuvotem Talema
MJE-10A TALEMA-MJE-10A Datasheet
42Kb / 1P
   T1/E1/CEPT/ISDN-PRI SMD Transformers
logo
Bothhand USA, LP.
4S1008 BOTHHAND-4S1008 Datasheet
56Kb / 1P
   T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
   T1/E1/CEPT/ISDN-PRI Interface Transformers
logo
Pulse A Technitrol Comp...
T1009NLT PULSE-T1009NLT Datasheet
104Kb / 2P
   T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com