Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMA442 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # LMA442
Description  MEDIUM POWER PHEMT MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LMA442 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  LMA442 Datasheet HTML 1Page - Filtronic Compound Semiconductors LMA442 Datasheet HTML 2Page - Filtronic Compound Semiconductors LMA442 Datasheet HTML 3Page - Filtronic Compound Semiconductors LMA442 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LMA442
MEDIUM POWER PHEMT MMIC
Phone: (408) 988-1845
http:// www.filss.com
Revised: 06/21/01
Fax: (408) 970-9950
Email: sales@filss.com
• ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain Voltage
VD
TAmbient = 22
± 3 °C
6
V
Operating Current
IOP
TAmbient = 22
± 3 °C
495
mA
RF Input Power
PIN
TAmbient = 22
± 3 °C
12
dBm
Total Power Dissipation
PTOT
TAmbient = 22
± 3 °C
4
W
Channel Operating Temperature
TCH
TAmbient = 22
± 3 °C
150
ºC
Storage Temperature
TSTG
-65
165
ºC
Maximum Assembly Temperature
(1 min. max.)
TMAX
300
ºC
Notes:
Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device.
Recommended Continuous Operating Limits should be observed for reliable device operation.
Power Dissipation defined as: PTOT
≡ (P
DC + PIN) – POUT, where
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
This GaAs MMIC is susceptible to damage from Electrostatic Discharge. Proper precautions should be used when handling these
devices.


Similar Part No. - LMA442

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA441 FILTRONIC-LMA441 Datasheet
223Kb / 4P
   MEDIUM POWER PHEMT MMIC
LMA443 FILTRONIC-LMA443 Datasheet
106Kb / 2P
   31 GHz Medium Power Amplifier
LMA444 FILTRONIC-LMA444 Datasheet
122Kb / 2P
   38GHz Medium Power Amplifier
More results

Similar Description - LMA442

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA417 FILTRONIC-LMA417 Datasheet
175Kb / 4P
   MEDIUM POWER PHEMT MMIC
LMA441 FILTRONIC-LMA441 Datasheet
223Kb / 4P
   MEDIUM POWER PHEMT MMIC
logo
Analog Devices
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
   Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
HMC451LP3 AD-HMC451LP3 Datasheet
310Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC383 AD-HMC383 Datasheet
286Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
   GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LC3B AD-HMC441LC3B Datasheet
1Mb / 7P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LP3E AD-HMC441LP3E Datasheet
1Mb / 7P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER,
HMC442LC3B AD-HMC442LC3B Datasheet
353Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com