Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR1004-BD Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # XR1004-BD
Description  Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XR1004-BD Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  XR1004-BD Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XR1004-BD Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XR1004-BD Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XR1004-BD Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XR1004-BD Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XR1004-BD Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XR1004-BD Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XR1004-BD Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
7
Receiver
30.0-46.0 GHz
XR1004-BD
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
App Note [3] USB/LSB Selection -
USB
LSB
IF1
IF2
An alternate method of Selection of USB or LSB:
For Lower Side Band operation (LSB):
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the LSB signal will reside on the input
port. The isolated port must be loaded
with 50 ohms.
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the USB signal will reside on the
isolated port. The input port must be
loaded with 50 ohms.
For Upper Side Band operation (USB):
-90o
In Phase Combiner
USB
In Phase Combiner
LSB
-90o
IF2
IF1
IF2
IF1


Similar Part No. - XR1004-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1004-BD MIMIX-XR1004-BD Datasheet
230Kb / 7P
   30.0-46.0 GHz GaAs MMIC Receiver
XR1004-BD MIMIX-XR1004-BD Datasheet
316Kb / 7P
   30.0-46.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XR1004-BD MA-COM-XR1004-BD Datasheet
1Mb / 8P
   Receiver
logo
Mimix Broadband
XR1004-BD-000V MIMIX-XR1004-BD-000V Datasheet
230Kb / 7P
   30.0-46.0 GHz GaAs MMIC Receiver
XR1004-BD-EV1 MIMIX-XR1004-BD-EV1 Datasheet
230Kb / 7P
   30.0-46.0 GHz GaAs MMIC Receiver
More results

Similar Description - XR1004-BD

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537696 FESTO-537696 Datasheet
107Kb / 2P
   Receiver
7/13/22
537711 FESTO-537711 Datasheet
111Kb / 2P
   Receiver
7/13/22
537712 FESTO-537712 Datasheet
107Kb / 2P
   Receiver
7/13/22
logo
Renesas Technology Corp
NDL5590P RENESAS-NDL5590P Datasheet
210Kb / 14P
   RECEIVER
1995
NR3315TA RENESAS-NR3315TA Datasheet
235Kb / 9P
   RECEIVER
2009
logo
Projects Unlimited, Inc...
AR027150MR-R PUI-AR027150MR-R Datasheet
216Kb / 1P
   Receiver
logo
Festo Corporation.
537709 FESTO-537709 Datasheet
92Kb / 2P
   Receiver
7/13/22
logo
Renesas Technology Corp
NR3470MU-CC RENESAS-NR3470MU-CC Datasheet
213Kb / 10P
   RECEIVER
2002
NDL5522P RENESAS-NDL5522P Datasheet
204Kb / 10P
   RECEIVER
1992
logo
Festo Corporation.
537710 FESTO-537710 Datasheet
104Kb / 2P
   Receiver
7/13/22
logo
Renesas Technology Corp
NDL5592P RENESAS-NDL5592P Datasheet
201Kb / 10P
   RECEIVER
1997
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com