Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15T7 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 15T7
Description  Electrical Industry Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

15T7 Datasheet(HTML) 1 Page - Visual Communications Company

  15T7 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Number
Part
Voltage
Operating
Watts
MSCP
Life Hours
Average
(inches)
M.O.L.
15T6/60V
15T6/120V
115-125
60
15.0
15.0
9.1
9.5
2,000
2,000
3.062
3.062
Initial
Design
Base
Candelabra Screw
Candelabra Screw
20T6-1/2N/120V
120
20.0
7.2
-
5.500
Intermediate Base
4C7/120V
115-125
4.0
1.3
3,000
2.125
Candelabra Screw
7C7/120V
115-125
7.0
3.6
3,000
2.125
Candelabra Screw
7C7DC/120V 115-125
7.0
3.6
3,000
2.125
10C7/120V
115-125
10.0
4.5
1,500
2.125
Candelabra Screw
10C7DC/120V 115-125
10.0
4.5
1,500
2.187
15T7/120V
115-125
15.0
9.1
2,000
2.250
Candelabra Screw
15T7N/120V
115-125
15.0
9.1
2,000
2.250
Intermediate Base
15T7DC/120V 115-125
15.0
9.1
2,000
2.250
20T7N/120V
115-125
20.0
8.0
2,000
2.250
Intermediate Screw
30T7N/120V
115-125
20.0
10.0
2,000
2.250
Intermediate Screw
15T8/120V
115-125
15.0
11.9
1,000
2.625
Candelabra Screw
15T8N/120V
115-125
15.0
11.9
1,000
2.625
Intermediate Screw
25T8/120V
115-125
25.0
18.7
1,000
2.625
25T8N/120V
115-125
25.0
18.7
1,000
2.625
Intermediate Screw
25T8DC/120V 115-125
25.0
18.7
1,000
2.625
25T8DC/130V
130
25.0
18.7
1,000
2.625
25T8N/230V
230
25.0
16.8
-
2.625
MOL
MAX.
.750
25T8DC/230V
230
25.0
16.8
-
2.625
Double Contact Bayonet
Double Contact Bayonet
Double Contact Bayonet
Double Contact Bayonet
Double Contact Bayonet
T-6
T-6 1/2
C-7
15T6DC/120V
15T6/145V
140-150
115-125
15.0
15.0
9.4
9.1
2,000
2,000
3.062
3.062
Candelabra Screw
Double Contact Bayonet
20T6-1/2DC/120V
25T6-1/2N/120V 115-125
120
25.0
20.0
20.0
7.2
1,000
-
5.500
5.500
Intermediate Base
Double Contact Bayonet
T-7
T-8
MOL
MAX.
.875
MOL
MAX.
1.06
Candelabra Screw
Double Contact Bayonet
Intermediate Screw
MAX.
.813
MOL
MAX.
.813
MOL
Electrical Industry Lamps


Similar Part No. - 15T7

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
15T03GJ VBSEMI-15T03GJ Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
15T03J VBSEMI-15T03J Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
15T15GM-HF VBSEMI-15T15GM-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
logo
Satco Products, Inc.
15T2/41 SATCO-15T2/41 Datasheet
124Kb / 1P
   15 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
More results

Similar Description - 15T7

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
6T4-1 VCC-6T4-1 Datasheet
32Kb / 1P
   Electrical Industry Lamps
logo
Lumileds Lighting Compa...
PB157 LUMILEDS-PB157 Datasheet
1Mb / 2P
   Industry-leading solutions for low and high beam lamps
DS157 LUMILEDS-DS157 Datasheet
1Mb / 17P
   Industry-leading solutions for low and high beam lamps
DS187 LUMILEDS-DS187 Datasheet
1Mb / 16P
   Industry-leading solutions for light guide DRL, and signature lamps
PB187 LUMILEDS-PB187 Datasheet
1Mb / 2P
   Industry-leading solutions for light guide DRL, and signature lamps
DS112 LUMILEDS-DS112 Datasheet
1Mb / 17P
   Industry-leading solutions for light guide DRL, and signature lamps
PB112 LUMILEDS-PB112 Datasheet
1Mb / 2P
   Industry-leading solutions for light guide DRL, and signature lamps
logo
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
   Industry Standard Dimensions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com