Electronic Components Datasheet Search |
|
V18ZA1P Datasheet(PDF) 4 Page - Littelfuse |
|
V18ZA1P Datasheet(HTML) 4 Page - Littelfuse |
4 / 14 page 70 www .littelfuse .com Varistor Products ZA Varistor Series Low to Medum Voltage, Radial Lead Device Ratings and Specifications (Note1) (Continued) V120ZA05 5 Z120 75 102 3 400 108 138 205 5 140 V120ZA1 7 120Z 75 102 6 1200 108 132 205 10 300 V120ZA4 10 120Z4 75 102 12 2500 108 132 200 25 750 V120ZA6 14 120Z6 75 102 22 4500 108 132 210 50 1700 V120ZA20 20 120Z20 75 102 33 6500 108 132 210 100 1500 V150ZA05 5 Z150 92 127 4 400 135 173 250 5 120 V150ZA1 7 Z051 95 127 8 1200 135 165 250 10 250 V150ZA4 10 150Z4 95 127 15 2500 135 165 250 25 600 V150ZA8 14 150Z8 95 127 20 4500 135 165 250 50 1400 V150ZA20 20 150Z20 95 127 45 6500 135 165 250 100 1000 V180ZA05 5 Z180 110 153 5 400 162 207 295 5 100 V180ZA1 7 180Z 115 153 10 1200 162 198 300 10 200 V180ZA5 10 180Z5 115 153 18 2500 162 198 300 25 500 V180ZA10 14 180Z10 115 153 35 4500 162 198 300 50 1100 V180ZA20 20 180Z20 115 153 52 6500 162 198 300 100 2400 V205ZA05 5 Z205 130 170 5.5 400 184 226 340 5 100 V220ZA05 5 Z220 140 180 6 400 198 253 360 5 90 V240ZA05 5 Z240 150 200 7 400 216 264 395 5 80 V270ZA05 5 Z270 175 225 7.5 400 243 311 455 5 70 V330ZA05 5 Z330 210 275 9 400 297 380 540 5 60 V360ZA05 5 Z360 230 300 9.5 400 324 396 595 5 55 V390ZA05 5 Z390 250 330 10 400 351 449 650 5 50 V430ZA05 5 Z430 275 369 11 400 387 495 710 5 45 V470ZA05 5 Z470 300 385 12 400 420 517 775 5 35 V620ZA05 5 Z620 385 505 13 400 558 682 1025 5 33 V680ZA05 5 Z680 420 560 14 400 610 748 1120 5 32 V715ZA05 5 Z715 440 585 15.5 400 643 787 1180 5 31 V750ZA05 5 Z750 460 615 17 400 675 825 1240 5 30 NOTES: 1. Average power dissipation of transients not to exceed 0.2W, 0.25W, 0.4W, 0.6W or 1W for model sizes 5mm, 7mm, 10mm, 14mm and 20mm, respectively. 2. Energy rating for impulse duration of 30ms minimum to one half of peak current (auto load dump). 3. 10mA DC test current. 4. Also rated to withstand 24V for 5 minutes. 5. Higher voltages available, contact Littelfuse. † Recognized to UL1449, “Transient Voltage Surge Suppressors” File #E75961. PART NUMBER MODEL SIZE DISC DIA. (mm) BRANDING MAXIMUM RATING (85 oC) SPECIFICATIONS (25oC) CONTINUOUS TRANSIENT VARISTOR VOLT- AGE AT 1mA DC TEST CURRENT MAXIMUM CLAMPING VOLTAGE 8 x 20 µs TYPICAL CAPACI- TANCE f = 1MHz VRMS VDC ENERGY 10 x 1000 µs PEAK CURRENT 8 x 20 µs VM(AC) VM(DC) WTM ITM VNOM MIN VNOM MAX VC IPK C (V) (V) (J) (A) (V) (V) (A) (pF) V120ZA05PPZ120 V120ZA1PP120Z V120ZA4PP120Z4 V120ZA6PP120Z6 V120ZA20PP120Z20 V150ZA05PPZ150 V150ZA1PPZ051 V150ZA4PP150Z4 † V150ZA8PP150Z8 V150ZA20PP150Z20 V180ZA05PPZ180 V180ZA1PP180Z V180ZA5PP180Z5 V180ZA10PP180Z10 V180ZA20PP180Z20 V205ZA05PPZ205 † V220ZA05PPZ220 † V240ZA05PPZ240 † V270ZA05PPZ270 † V330ZA05PPZ330 † V360ZA05PPZ360 † V390ZA05PPZ390 † V430ZA05PPZ430 † V470ZA05PPZ470 † V620ZA05PPZ620 † V680ZA05PPZ680 V715ZA05PPZ715 V750ZA05PPZ750 PART NUMBER BRANDING LEAD-FREE AND RoHS COMPLIANT MODELS STANDARD MODELS Pb RoHS Pb RoHS |
Similar Part No. - V18ZA1P |
|
Similar Description - V18ZA1P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |