Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2194A4-28V Datasheet(PDF) 1 Page - Visual Communications Company

Part # 2194A4-28V
Description  Non-Relampable Neon-Incandescent Indicator Lights
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

2194A4-28V Datasheet(HTML) 1 Page - Visual Communications Company

  2194A4-28V Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
2150A, 2151A, 2112A, 2152A and 2194A Series Non-Relampable
Neon-Incandescent Indicator Lights
Description and Features
Mounting: Ø.310 MIN., supplied with push-on
speednut SN1287.
Wire Leads: No. 22 AWG (105°C), 4.40/4.80 long,
stripped .430/.570.
Lens: Polycarbonate-neon transparent,
incandescent-translucent
Bezel: Polished stainless steel. For black finish add “X”
after the series letter(s).
Housing: White Nylon
* Incorporates G2B lamp and resistor.
** Incorporates T2B lamp and resistor.
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
All dimensions
in inches.
1.310
B lack/R ed
C 2A+R esistor
2153A6**
2153A5*
2151A4
2151A3
2151A2
2151A1
(208-250VAC )
Model No.
1.310
B lack
C 2A+R esistor
2152A6**
2152A5*
2150A4
2150A3
2150A2
2150A1
(105-125V AC )
Model No.
"A" DIM
Lead C olor
Lamp used
B lue
G reen
White
Amber
C lear
R ed
Lens C olor
Neon
.830
Y ellow
#2162
-
2194A5-12V
2194A4-12V
2194A3-12V
-
2194A1-12V
(12V )
Model No.
.830
P urple
#2187
-
2194A5-28V
2194A4-28V
2194A3-28V
-
2194A1-28V
(28V )
Model No.
Incandescent
.340
.090
.380
Ø.310 MAX.
DIME NS ION "A"
S E E C HAR T F OR


Similar Part No. - 2194A4-28V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2194A412V CML-2194A412V Datasheet
221Kb / 1P
   Neon-Incandescent Indicator Lights
2194A428V CML-2194A428V Datasheet
221Kb / 1P
   Neon-Incandescent Indicator Lights
More results

Similar Description - 2194A4-28V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1050QC CML-1050QC Datasheet
220Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2330QD CML-2330QD Datasheet
219Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
2110A VCC-2110A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
1050QC VCC-1050QC Datasheet
64Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2330QD VCC-2330QD Datasheet
80Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1050N CML-1050N Datasheet
220Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
1050N VCC-1050N Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
1030D VCC-1030D Datasheet
64Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
1050A VCC-1050A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1030QD CML-1030QD Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com