Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V47ZA3P Datasheet(PDF) 7 Page - Littelfuse

Part # V47ZA3P
Description  Low to Medum Voltage, Radial Lead
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V47ZA3P Datasheet(HTML) 7 Page - Littelfuse

Back Button V47ZA3P Datasheet HTML 3Page - Littelfuse V47ZA3P Datasheet HTML 4Page - Littelfuse V47ZA3P Datasheet HTML 5Page - Littelfuse V47ZA3P Datasheet HTML 6Page - Littelfuse V47ZA3P Datasheet HTML 7Page - Littelfuse V47ZA3P Datasheet HTML 8Page - Littelfuse V47ZA3P Datasheet HTML 9Page - Littelfuse V47ZA3P Datasheet HTML 10Page - Littelfuse V47ZA3P Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
73
www .littelfuse .com
2
Varistor Products
Low to Medum Voltage, Radial Lead
ZA Varistor Series
Transient V-I Characteristics Curves (Continued)
FIGURE 11. CLAMPING VOLTAGE FOR V82ZA12(P) - V180ZA10(P)
FIGURE 12. CLAMPING VOLTAGE FOR V18ZA40(P) - V36ZA80(P)
FIGURE 13. CLAMPING VOLTAGE FOR V39ZA20(P) - V180ZA20(P)
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 14mm
82 TO 180VN(DC) RATING
TA = -55
oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA10(P)
V150ZA8(P)
V120ZA6(P)
V100ZA15(P)
V82ZA12(P)
300
200
100
90
80
70
60
50
40
30
20
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
104
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20mm
18 TO 36VN(DC) RATING
TA = -55
oC TO 85oC
V36ZA80(P)
V33ZA70(P)
V27ZA60(P)
V24ZA50(P)
V18ZA40P(P)
10-3
10-2
10-1
100
101
102
104
103
1,000
500
300
200
30
PEAK AMPERES (A)
V56ZA20(P)
V47ZA20(P)
V39ZA20(P)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20mm
TA = -55
oC TO 85oC
39 TO 180VM(AC) RATING
V180ZA20(P)
V150ZA20(P)
V120ZA20(P)
100
50
V68ZA20(P)
Pulse Rating Curves
FIGURE 14. SURGE CURRENT RATING CURVES FOR V8ZA05(P)
FIGURE 15. SURGE CURRENT RATING CURVES FOR
50
20
10
5
2
1
0.5
0.2
0.1
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
104
105
106
MODEL SIZE 5mm
V8ZA05(P)
100
50
20
10
2
1
0.5
0.2
0.1
20
100
1,000
10,000
IMPULSE DURATION (
µs)
INDEFINITE
104
105
106
MODEL SIZE 5mm
V12ZA05(P) - V68ZA05(P)
1
10
102
2
103
Pb
RoHS


Similar Part No. - V47ZA3P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZA3P LITTELFUSE-V47ZA3P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V47ZA3P LITTELFUSE-V47ZA3P Datasheet
825Kb / 13P
   Radial Lead Varistors
V47ZA3P LITTELFUSE-V47ZA3P Datasheet
1Mb / 14P
   ZA Varistor Series
V47ZA3P LITTELFUSE-V47ZA3P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V47ZA3P LITTELFUSE-V47ZA3P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V47ZA3P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Illinois Capacitor, Inc...
226SAK250M ILLINOISCAPACITOR-226SAK250M Datasheet
107Kb / 1P
   Radial Lead Low Profile
226SAK400M ILLINOISCAPACITOR-226SAK400M Datasheet
107Kb / 1P
   Radial Lead Low Profile
336STF025M ILLINOISCAPACITOR-336STF025M Datasheet
132Kb / 1P
   Radial Lead Low Profile
336SAK200M ILLINOISCAPACITOR-336SAK200M Datasheet
132Kb / 1P
   Radial Lead Low Profile
337PUM6R3M ILLINOISCAPACITOR-337PUM6R3M Datasheet
132Kb / 1P
   Radial Lead Low Profile
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
110Kb / 1P
   Radial Lead Low Profile
228FXM025M ILLINOISCAPACITOR-228FXM025M Datasheet
108Kb / 1P
   Radial Lead Low Profile
338FXM025M ILLINOISCAPACITOR-338FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com