Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6836P100 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # LP6836P100
Description  Packaged 0.25W Power PHEMT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP6836P100 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  LP6836P100 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP6836P100 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Filtronic
LP6836P100
Solid State
Packaged 0.25W Power PHEMT
Phone: (408) 988-1845
Internet: http://www.filtronicsolidstate.com
Fax: (408) 970-9950
FEATURES
+24.5 dBm Typical Power at 15 GHz
12 dB Typical Power Gain at 15 GHz
Low Intermodulation Distortion
55% Power-Added-Efficiency
Color-coded by I
DSS range
DESCRIPTION AND APPLICATIONS
The LP6836P100 is a packaged Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs) Pseudomorphic
High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-write 0.25
µm by 360 µm Schottky barrier
gate. The recessed “mushroom” gate structure minimizes parasitic gate-source and gate resistances.
The epitaxial
structure and processing have been optimized for reliable high-power applications.
The LP6836 also features Si3N4
passivation and is available in die form, or P70 packages. Packages are color-coded by IDSS range.
Typical applications include commercial and military high-performance power amplifiers, including SATCOM uplink
transmitters, and medium-haul digital radio transmitters.
The LP6836P100 may be procured in a variety of grades, depending upon specific user requirements.
Standard lot
screening is patterned after MIL-STD-19500, JANC grade. Space level screening to FSS JANS grade is also available.
PERFORMANCE SPECIFICATIONS (TA = 25
°C)
SYMBOLS
PARAMETERS
MIN
TYP
MAX
UNITS
IDSS
Saturated Drain-Source Current
VDS = 2V VGS = 0V
LP6836-P100-1 Blue
LP6836-P100-2 Green
LP6836-P100-3 Red
80
96
106
90
100
115
95
105
125
mA
P1dB
Output Power at 1dB Gain Compression
VDS = 8.0V, IDS = 50% IDSS
f = 15 GHz
23.5
24.5
dBm
G1dB
Power Gain at 1dB Gain Compression
VDS = 8.0V, IDS = 50% IDSS
f = 15 GHz
8.5
9.5
dB
η
ADD
Power-Added Efficiency
55
%
IMAX
Maximum Drain-Source Current
VDS = 2V VGS = +1V
190
mA
GM
Transconductance
VDS = 2V VGS = 0V
70
95
mS
VP
Pinch-Off Voltage
VDS = 2V IDS = 2mA
-0.25
-0.8
-1.5
V
IGSO
Gate-Source Leakage Current
VGS = -5V
1
15
µA
BVGS
Gate-Source Breakdown Voltage
IGS = 2mA
-11
-15
V
BVGD
Gate-Drain Breakdown Voltage
IGD = 2mA
-12
-16
V
Get Package Model
DSS-031 WF
DRAIN
GATE
SOURCE


Similar Part No. - LP6836P100

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP6836P70 FILTRONIC-LP6836P70 Datasheet
59Kb / 3P
   PACKAGED MEDIUM POWER PHEMT
More results

Similar Description - LP6836P100

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD6836 FILTRONIC-FPD6836_1 Datasheet
142Kb / 3P
   0.25W POWER PHEMT
FPD6836 FILTRONIC-FPD6836 Datasheet
188Kb / 2P
   0.25W POWER PHEMT
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
   PACKAGED 2W POWER PHEMT
LP6836SOT343 FILTRONIC-LP6836SOT343 Datasheet
67Kb / 2P
   PACKAGED MEDIUM POWER PHEMT
FPD4000AS FILTRONIC-FPD4000AS Datasheet
197Kb / 3P
   2.5W PACKAGED POWER PHEMT
LP6872P100 FILTRONIC-LP6872P100 Datasheet
23Kb / 2P
   Packaged 0.5W Power PHEMT
FPD10000AF FILTRONIC-FPD10000AF Datasheet
185Kb / 3P
   10W PACKAGED POWER PHEMT
LP1500P100 FILTRONIC-LP1500P100 Datasheet
48Kb / 3P
   PACKAGED 1W POWER PHEMT
LP6836P70 FILTRONIC-LP6836P70 Datasheet
59Kb / 3P
   PACKAGED MEDIUM POWER PHEMT
FPD1500P100 FILTRONIC-FPD1500P100 Datasheet
182Kb / 3P
   1W PACKAGED POWER PHEMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com