Electronic Components Datasheet Search |
|
V68ZA3P Datasheet(PDF) 4 Page - Littelfuse |
|
V68ZA3P Datasheet(HTML) 4 Page - Littelfuse |
4 / 14 page © 2014 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 05/23/14 Varistor Products Radial Lead Varistors > ZA Series Should transients occur in rapid succession, the average power dissipation is the energy (watt-seconds) per pulse times the number of pulses per second. The power so developed must be within the specifications shown on the Device Ratings and Specifications Table for the specific Current Energy and Power Dissipation Ratings Peak Pulse Current Test Waveform FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM 100 90 50 10 O1 T T1 T2 TIME O1 = Virtual Origin of Wave T = Time From 10% to 90% of Peak T1 = Virtual Front time = 1.25 • t T2 = Virtual Time to Half Value (Impulse Duration) Example: For an 8/20µs Current Waveform: 8s = T1 = Virtual Front Time 20 s = T2 = Virtual Time to Half Value 0 1 = Virtual Origin of Wave T = Time from 10% to 90% of Peak T 1 = Rise Time = 1.25 x T T 2 = Decay Time Example - For an 8/20 µs Current Waveform: 8µs = T 1 = Rise Time 20µs = T 2 = Decay Time 100 90 80 70 60 50 40 30 20 10 0 -55 50 60 70 80 90 100110 120130 140150 AMBIENTTEMPERATURE ( oC) FIGURE 1. CURRENT, ENERGY AND POWER DERATING CURVE Figure 1A - Power Derating for Epoxy Coated Figure 2 FIGURE 1. CURRENT, ENERGY AND POWER DERATING CURVE 100 90 80 70 60 50 40 30 20 10 0 -55 50 60 70 80 90 100110 120130 140150 AMBIENTTEMPERATURE ( oC) device. The operating values of a MOV need to be derated at high temperatures as shown above. Because varistors only dissipate a relatively small amount of average power they are not suitable for repetitive applications that involve substantial amounts of average power dissipation. Figure 1B - Power Derating for Phenolic Coated Phenolic Coating Option -- ZA Series Varistors for Hi-Temperature Operating Conditions: • PhenoliccoatedZASeriesdevicesareavailablewithimprovedmaximumoperatingtemperatureof125°C • Thesedevicesalsohaveimprovedtemperaturecyclingperformancecapability • RatingsandspecificationsareasperstandardZASeriesexceptHi–Pot Encapsulation (Isolation Voltage Capability) = 500V • Toorder:add'X1347'topartnumber(e.g.V22ZA3PX1347) • ThesedevicesarenotUL,CSA,VDEorCECCcertified • Contactfactoryforfurtherdetails • Productmarking: LF 9 P22P3 YYWW Phenolic Coated Option Identifier Lead-Free, Halogen-Free & RoHS Compliant Indicator |
Similar Part No. - V68ZA3P |
|
Similar Description - V68ZA3P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |