Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6275ELWTR Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A6275ELWTR
Description  8-Bit Serial Input Constant-Current Latched LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6275ELWTR Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A6275ELWTR Datasheet HTML 4Page - Allegro MicroSystems A6275ELWTR Datasheet HTML 5Page - Allegro MicroSystems A6275ELWTR Datasheet HTML 6Page - Allegro MicroSystems A6275ELWTR Datasheet HTML 7Page - Allegro MicroSystems A6275ELWTR Datasheet HTML 8Page - Allegro MicroSystems A6275ELWTR Datasheet HTML 9Page - Allegro MicroSystems A6275ELWTR Datasheet HTML 10Page - Allegro MicroSystems A6275ELWTR Datasheet HTML 11Page - Allegro MicroSystems A6275ELWTR Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Serial-Input Constant-Current Latched LED Driver
with Open LED Detection and Dot Correction
A6275
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The load current per bit (IO) is set by the external resistor
(REXT) as shown in the figure below.
300
500
700
1 k
2 k
CURRENT-CONTROL RESISTANCE, R
EXT
IN OHMS
100
0
100
Dwg. GP-061
5 k
200
3 k
20
40
60
80
V CE = 0.7 V
Package Power Dissipation (PD). The maximum al-
lowable package power dissipation is determined as
PD(max) = (150 - TA)/RθJA.
The actual package power dissipation is
PD(act) = dc(VCE × IO × 8) + (VDD × IDD).
When the load supply voltage is greater than 3 V to 5 V,
considering the package power dissipating limits of these
devices, or if PD(act) > PD(max), an external voltage re-
ducer (VDROP) should be used.
Load Supply Voltage (VLED). These devices are de-
signed to operate with driver voltage drops (VCE) of
0.4 V to 0.7 V with LED forward voltages (VF) of 1.2 V to
4.0 V. If higher voltages are dropped across the driver,
package power dissipation will be increased significantly.
To minimize package power dissipation, it is recom-
mended to use the lowest possible load supply voltage or
to set any series dropping voltage (VDROP) as
VDROP = VLED - VF - VCE
with VDROP = Io × RDROP for a single driver, or a Zener
diode (VZ), or a series string of diodes (approximately
0.7 V per diode) for a group of drivers. If the available
voltage source will cause unacceptable dissipation and
series resistors or diode(s) are undesirable, a regulator
such as the Sanken Series SAI or Series SI can be used to
provide supply voltages as low as 3.3 V.
For reference, typical LED forward voltages are:
White
3.5 – 4.0 V
Blue
3.0 – 4.0 V
Green
1.8 – 2.2 V
Yellow
2.0 – 2.1 V
Amber
1.9 – 2.65 V
Red
1.6 – 2.25 V
Infrared
1.2 – 1.5 V
Pattern Layout. This device has a common logic-ground
and power-ground terminal. If ground pattern layout
contains large common-mode resistance, and the voltage
between the system ground and the LATCH ENABLE or
CLOCK terminals exceeds 2.5 V (because of switching
noise), these devices may not operate correctly.
Dwg. EP-064
V
LED
V DROP
VF
V CE
Applications Information


Similar Part No. - A6275ELWTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
More results

Similar Description - A6275ELWTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
6276 ALLEGRO-6276 Datasheet
154Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
A6276SA ALLEGRO-A6276SA Datasheet
567Kb / 13P
   16-Bit Serial Input, Constant-Current Latched LED Driver
6277 ALLEGRO-6277 Datasheet
203Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
July 20, 2000
6275 ALLEGRO-6275 Datasheet
179Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
6276 ALLEGRO-6276_03 Datasheet
347Kb / 14P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIV ER
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
   8-Bit Serial-Input Latched Source Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com