Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-3130 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-3130
Description  Very High CMR 2.5 Amp Output Current IGBT Gate Driver Optocoupler
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-3130 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-3130 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Table 1. IEC/EN/DIN EN 60747-5-5 Insulation Characteristics*
Description
Symbol
ACPL-3130
Option 060
ACPL-J313
ACNW3130
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 450 Vrms
for rated mains voltage ≤ 600 Vrms
for rated mains voltage ≤ 1000 Vrms
I – IV
I – IV
I – III
I – IV
I – IV
I – III
I – III
I – IV
I – IV
I – IV
I – IV
I – III
Climatic Classification
55/100/21
55/100/21 55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
2
Maximum Working Insulation Voltage
VIORM
630
1230
1414
Vpeak
Input to Output Test Voltage, Method b* VIORM x 1.875=VPR,
100% Production Test with tm=1 sec, Partial discharge < 5 pC
VPR
1181
1670
2652
Vpeak
Input to Output Test Voltage, Method a* VIORM x 1.6=VPR,
Type and Sample Test, tm=10 sec, Partial discharge < 5 pC
VPR
1008
1968
2262
Vpeak
Highest Allowable Overvoltage
(Transient Overvoltage tini = 60 sec)
VIOTM
6000
8000
8000
Vpeak
Safety-limiting values – maximum values allowed in the event of a
failure, also see Figure 41 and 42.
Case Temperature
Input Current
Output Power
TS
IS, INPUT
PS, OUTPUT
175
230
600
175
400
600
150
400
700
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
>109
>109
W
* Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/EN/DIN
EN 60747-5-5) for a detailed description of Method a and Method b partial discharge test profiles.
Note: These optocouplers are suitable for“safe electrical isolation”only within the safety limit data. Maintenance of the safety data shall be ensured by
means of protective circuits. Surface mount classification is Class A in accordance with CECC 00802.
Table 2. Insulation and Safety Related Specifications
Parameter
Symbol
ACPL-3130
ACPL-J313
ACNW3130
Units
Conditions
Minimum External Air
Gap (Clearance)
L(101)
7.1
7.4
9.6
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External
Tracking (Creepage)
L(102)
7.4
8.0
10.0
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal
Plastic Gap (Internal
Clearance)
0.08
0.5
1.0
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance
(Comparative Tracking
Index)
CTI
> 175
> 175
> 200
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
All Avago data sheets report the creepage and clearance inherent to the optocoupler component itself. These dimensions are needed as a starting
point for the equipment designer when determining the circuit insulation requirements. However, once mounted on a printed circuit board, minimum
creepage and clearance requirements must be met as specified for individual equipment standards. For creepage, the shortest distance path along
the surface of a printed circuit board between the solder fillets of the input and output leads must be considered. There are recommended techniques
such as grooves and ribs which may be used on a printed circuit board to achieve desired creepage and clearances. Creepage and clearance distances
will also change depending on factors such as pollution degree and insulation level.


Similar Part No. - ACPL-3130

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-312T AVAGO-ACPL-312T Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-000E AVAGO-ACPL-312T-000E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-300E AVAGO-ACPL-312T-300E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
ACPL-31JT AVAGO-ACPL-31JT Datasheet
510Kb / 20P
   Miller Clamp Sinking Current
More results

Similar Description - ACPL-3130

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-333J AVAGO-ACPL-333J Datasheet
304Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-T350 AVAGO-ACPL-T350 Datasheet
275Kb / 12P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC
ACPL-T350-300E AVAGO-ACPL-T350-300E Datasheet
275Kb / 12P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com