Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-5730L Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-5730L
Description  Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-5730L Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-5730L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-5730L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-5730L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-5730L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-5730L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-5730L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-5730L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-5730L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-5730L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Figure 8. Switching Test Circuit.
Figure 9. Test Circuit for Transient Immunity and Typical Waveforms.
IF
RL
RCC*
56
1.0
F
+3 V
VO
* SEE NOTE 11
Rm
IF MONITOR
PULSE GEN.
ZO = 50
tr, tf = 5.0 ns
f = 100 Hz
tPULSE = 0.5ms
CL**
** CL INCLUDES PROBE AND STRAY WIRING CAPACITANCE.
7
5
6
8
2
3
4
1
VFF
IF
VCM
RL
RCC*
56
1.0
F
+3 V
VO
+
PULSE GEN.
* SEE NOTE 11
A
B
7
5
6
8
2
3
4
1
Figure 6. Propagation Delay vs. Temperature.
Figure 7. Propagation Delay vs. Input Diode Forward Current.
0
10
20
30
40
50
60
-80 -60 -40 -20 0
20 40 60 80 100 120 140 160
TA - TEMPERATURE°C
IF = 0.5mA, RL = 2.2kohm
IF = 1.6mA, RL = 680ohm
IF = 5.0mA, RL=330ohm
0
5
10
15
20
25
30
35
40
45
02468
10
12
IF - INPUT DIODE FORWARD CURRENT mA
tPHL, RL = 330ohm TO 2.2Kohm
tPLH, RL = 2.2Kohm
tPLH, RL = 680ohm
tPLH, RL = 330ohm
VCC = 3.2V
TA = 25°C
PULSE WIDTH = 50
s
PERIOD = 10ms
TPHL
TPLH
TPLH
TPLH
TPHL
TPHL


Similar Part No. - ACPL-5730L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
More results

Similar Description - ACPL-5730L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com