Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1193LLHLT-T2 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A1193LLHLT-T2
Description  Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1193LLHLT-T2 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1193LLHLT-T2 Datasheet HTML 7Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 8Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 9Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 10Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 11Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 12Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 13Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 14Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Programmable, Chopper-Stabilized,
Two Wire Hall-Effect Switches
A1190, A1192,
and A1193
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Try Mode In Try mode, bit field addressing is accomplished by
applying a series of VPM pulses to the VCC pin of the device, as
shown in figure 6. Each pulse increases the bit field value for the
selected parameter, increasing by one on the falling edge of each
additional VPM pulse. When addressing the bit field in Try mode,
the quantity of VPM pulses is represented by a decimal number
called the code. Addressing activates the corresponding fuse
locations in the given bit field by increasing the binary value of
an internal DAC, up to the maximum possible code. As the value
of the bit field code increases, the value of the programmable
parameter changes. Measurements can be taken after each VPM
pulse to determine if the required result for the programmable
parameter has been reached. Cycling the supply voltage resets
all the locations in the bit field that have un-blown fuses to their
initial states.
When setting the BOP Trim parameter, as an aid to programming,
values can be traversed from low to high, or from high to low. To
accommodate this direction selection, the value of the bit field
(and code) defaults to the value 1, on the falling edge of the final
register selection VPH pulse (see figure 5). A complete example is
provided in figure 11.
Blow Mode After the required code is determined for a given
parameter, its value can be set permanently by blowing individual
fuses in the appropriate register bit field. Blowing is accom-
plished by selecting the register, then the Blow mode selection
key, followed by the appropriate bit field address, and ending
the sequence with the Blow pulse. The Blow mode selection key
is a sequence of nine VPM pulses followed by one VPH pulse. A
complete example is provided in figure 12.
The Blow pulse consists of a VPH pulse of sufficient duration,
tBLOW, to permanently set an addressed bit by blowing a fuse
internal to the device. Due to power requirements, the fuse for
each bit in the bit field must be blown individually. The A119x
family built-in circuitry allows only one fuse at a time to be
blown. During Blow mode, the bit field can be considered a “one-
hot” shift register. Table 3 relates the quantity of VPM pulses to
the binary and decimal values for Blow mode bit field address-
ing. It should be noted that the simple relationship between the
quantity of VPM pulses and the corresponding code is:
2n = Code,
where n is the quantity of VPM pulses. The bit field has an initial
state of decimal code 0 (binary 000000).
Figure 6. Try mode bit field addressing pulses
Figure 7. Example of code 5 broken into its binary components
0
VPH
VPM
VPL
Table 3. Blow Mode Bit Field Addressing
Quantity of
VPM Pulses
Binary Register
Setting
Equivalent Code
1
000001
1
2
000010
2
3
000100
4
4
001000
8
5
010000
16
6
100000
32
(Decimal Equivalent)
Code 5
Bit Field Selection
Address Code Format
Code in Binary
Fuse Blowing
Target Bits
Fuse Blowing
Address Code Format
(Binary)
1 0 1
Bit 2
Bit 0
Code 4
Code 1
(Decimal Equivalents)
0
Key
VPH
VPM
VPL
Figure 5. Register selection pulse sequence


Similar Part No. - A1193LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1193LLHLT-T2 ALLEGRO-A1193LLHLT-T2 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1193LLHLT-T2 ALLEGRO-A1193LLHLT-T2 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results

Similar Description - A1193LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com